Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9474 Datasheet(PDF) 3 Page - STMicroelectronics

Part # 9474
Description  POWER SCHOTTKY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

9474 Datasheet(HTML) 3 Page - STMicroelectronics

  9474 Datasheet HTML 1Page - STMicroelectronics 9474 Datasheet HTML 2Page - STMicroelectronics 9474 Datasheet HTML 3Page - STMicroelectronics 9474 Datasheet HTML 4Page - STMicroelectronics 9474 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
STPS3150/U
3/5
Z/R
th(j-c)
th(j-c)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
T
δ=tp/T
tp
t (s)
p
SMB
δ = 0.5
δ = 0.2
δ = 0.1
Single pulse
Fig. 4-1: Relative variation of thermal impedance
junction to ambient versus pulse duration (SMB).
Z/R
th(j-c)
th(j-c)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
T
δ=tp/T
tp
t (s)
p
δ = 0.5
δ = 0.2
δ = 0.1
Single pulse
DO-201AD
Fig. 4-2: Relative variation of thermal impedance
junction
to
ambient
versus
pulse
duration
(DO-201AD).
I (µA)
R
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
1.E+04
0
25
50
75
100
125
150
V (V)
R
T =125°C
j
T =150°C
j
T =100°C
j
T =50°C
j
T =25°C
j
T =75°C
j
Fig. 5: Reverse leakage current versus reverse
voltage applied (typical values).
C(nF)
10
100
1000
1
10
100
1000
F=1MHz
V
=30mV
T =25°C
OSC
RMS
j
V (V)
R
Fig. 6: Junction capacitance versus reverse
voltage applied (typical values).
I
(A)
FM
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
V
(V)
FM
T =25°C
(maximum values)
j
T =125°C
(typical values)
j
T =125°C
(maximum values)
j
Fig. 7: Forward voltage drop versus forward
current.
R
(°C/W)
th(j-a)
0
10
20
30
40
50
60
70
80
90
100
110
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
S(cm²)
SMB
Fig. 8: Thermal resistance junction to ambient
versus copper surface under each lead (Epoxy
printed circuit board FR4, Cu: 35µm) (SMB).



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com