Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9474 Datasheet(PDF) 5 Page - STMicroelectronics

Part # 9474
Description  POWER SCHOTTKY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

9474 Datasheet(HTML) 5 Page - STMicroelectronics

  9474 Datasheet HTML 1Page - STMicroelectronics 9474 Datasheet HTML 2Page - STMicroelectronics 9474 Datasheet HTML 3Page - STMicroelectronics 9474 Datasheet HTML 4Page - STMicroelectronics 9474 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
STPS3150/U
5/5
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of
use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by
implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to
change without notice. This publication supersedes and replaces all information previously supplied.
STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written
approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
© 2003 STMicroelectronics - Printed in Italy - All rights reserved.
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - Finland - France - Germany
Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco - Singapore
Spain - Sweden - Switzerland - United Kingdom - United States.
http://www.st.com
Ordering type
Marking
Package
Weight
Base qty
Delivery mode
STPS3150
STPS3150
DO-201AD
1.12 g
600
Ammopack
STPS3150RL
STPS3150
DO-201AD
1.12 g
1900
Tape & Reel
STPS3150U
G315
SMB
0.107 g
2500
Tape & Reel
s
Epoxy meets UL94,V0
PACKAGE MECHANICAL DATA
DO-201AD plastic
BA
E
E
ØD
ØD
ØC
B
note 2
note 1
note 1
REF.
DIMENSIONS
NOTES
Millimeters
Inches
Min.
Max.
Min.
Max.
A
9.50
0.374
1 - The lead diameter
∅ D is not controlled over zone E
2 - The minimum length which must stay straight between
the right angles after bending is 0.59"(15 mm)
B
25.40
1.000
C
5.30
0.209
D
1.30
0.051
E
1.25
0.049



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com