Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5115 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5115
Description  Secondary Side Post Regulator Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5115 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM5115 Datasheet HTML 1Page - National Semiconductor (TI) LM5115 Datasheet HTML 2Page - National Semiconductor (TI) LM5115 Datasheet HTML 3Page - National Semiconductor (TI) LM5115 Datasheet HTML 4Page - National Semiconductor (TI) LM5115 Datasheet HTML 5Page - National Semiconductor (TI) LM5115 Datasheet HTML 6Page - National Semiconductor (TI) LM5115 Datasheet HTML 7Page - National Semiconductor (TI) LM5115 Datasheet HTML 8Page - National Semiconductor (TI) LM5115 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Pin Description (Continued)
PIN
NAME
DESCRIPTION
APPLICATION INFORMATION
9
SYNC
Synchronization input
A low impedance current input pin. The current into this pin sets
the RAMP capacitor charge current and the frequency of an
internal oscillator that provides a clock for the free-run (DC
input) mode .
10
PGND
Power Ground
Connect directly to the analog ground pin (AGND).
11
LO
Low side gate driver output
Connect to the gate of the low side synchronous MOSFET
through a short low inductance path.
12
VCC
Output of bias regulator
Nominal 7V output from the internal LDO bias regulator. Locally
decouple to PGND using a low ESR/ESL capacitor located as
close to controller as possible.
13
HS
High side MOSFET source connection
Connect to negative terminal of the bootstrap capacitor and the
source terminal of the high side MOSFET.
14
HO
High side gate driver output
Connect to the gate of high side MOSFET through a short low
inductance path.
15
HB
High side gate driver bootstrap rail
Connect to the cathode of the bootstrap diode and the positive
terminal of the bootstrap capacitor. The bootstrap capacitor
supplies current to charge the high side MOSFET gate and
should be placed as close to controller as possible.
16
VBIAS
Supply Bias Input
Input to the LDO bias regulator that powers internal blocks..
Input range of VBIAS is 4.5V to 30V.
-
Exposed Pad
(LLP
Package
Only)
Exposed Pad, underside of LLP package Internally bonded to the die substrate. Connect to system
ground for low thermal impedance.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com