Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5115 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5115
Description  Secondary Side Post Regulator Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5115 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM5115 Datasheet HTML 1Page - National Semiconductor (TI) LM5115 Datasheet HTML 2Page - National Semiconductor (TI) LM5115 Datasheet HTML 3Page - National Semiconductor (TI) LM5115 Datasheet HTML 4Page - National Semiconductor (TI) LM5115 Datasheet HTML 5Page - National Semiconductor (TI) LM5115 Datasheet HTML 6Page - National Semiconductor (TI) LM5115 Datasheet HTML 7Page - National Semiconductor (TI) LM5115 Datasheet HTML 8Page - National Semiconductor (TI) LM5115 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Connection Diagram
20134902
16-Lead TSSOP, LLP
See NS Package Numbers MTC16 and SDA16A
Ordering Information
Ordering Number
Package Type
NSC Package Drawing
Supplied As
LM5115MM
TSSOP-16
MTC16
1000 shipped as Tape & Reel
LM5115MMX
TSSOP-16
MTC16
3500 shipped as Tape & Reel
LM5115SD
LLP-16
SDA16A
Available Soon
LM5115SDX
LLP-16
SDA16A
Available Soon
Pin Description
PIN
NAME
DESCRIPTION
APPLICATION INFORMATION
1
CS
Current Sense amplifier positive input
A low inductance current sense resistor is connected between
CS and VOUT. Current limiting occurs when the differential
voltage between CS and VOUT exceeds 45mV (typical).
2
VOUT
Current sense amplifier negative input
Connected directly to the output voltage. The current sense
amplifier operates over a voltage range from 0V to 12V at the
VOUT pin.
3
AGND
Analog ground
Connect directly to the power ground pin (PGND).
4
CO
Current limit output
For normal current limit operation, connect the CO pin to the
COMP pin. Leave this pin open to disable the current limit
function.
5
COMP
Compensation. Error amplifier output
COMP pin pull-up is provided by an internal 300uA current
source.
6
FB
Feedback. Error amplifier inverting input
Connected to the regulated output through the feedback resistor
divider and compensation components. The non-inverting input
of the error amplifier is internally connected to the SS pin.
7
SS
Soft-start control
An external capacitor and the equivalent impedance of an
internal resistor divider connected to the bandgap voltage
reference set the soft-start time. The steady state operating
voltage of the SS pin equal to 0.75V (typical).
8
RAMP
PWM Ramp signal
An external capacitor connected to this pin sets the ramp slope
for the voltage mode PWM. The RAMP capacitor is charged
with a current that is proportional to current into the SYNC pin.
The capacitor is discharged at the end of every cycle by an
internal MOSFET.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com