Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5115 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5115
Description  Secondary Side Post Regulator Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5115 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM5115 Datasheet HTML 1Page - National Semiconductor (TI) LM5115 Datasheet HTML 2Page - National Semiconductor (TI) LM5115 Datasheet HTML 3Page - National Semiconductor (TI) LM5115 Datasheet HTML 4Page - National Semiconductor (TI) LM5115 Datasheet HTML 5Page - National Semiconductor (TI) LM5115 Datasheet HTML 6Page - National Semiconductor (TI) LM5115 Datasheet HTML 7Page - National Semiconductor (TI) LM5115 Datasheet HTML 8Page - National Semiconductor (TI) LM5115 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
LM5115
Secondary Side Post Regulator Controller
General Description
The LM5115 controller contains all of the features necessary
to implement multiple output power converters utilizing the
Secondary Side Post Regulation (SSPR) technique. The
SSPR technique develops a highly efficient and well regu-
lated auxiliary output from the secondary side switching
waveform of an isolated power converter. Regulation of the
auxiliary output voltage is achieved by leading edge pulse
width modulation (PWM) of the main channel duty cycle.
Leading edge modulation is compatible with either current
mode or voltage mode control of the main output. The
LM5115 drives external high side and low side NMOS power
switches configured as a synchronous buck regulator. A
current sense amplifier provides overload protection and
operates over a wide common mode input range. Additional
features include a low dropout (LDO) bias regulator, error
amplifier, precision reference, adaptive dead time control of
the gate signals and thermal shutdown.
Features
n
Self-synchronization to main channel output
n
Free-run mode for buck regulation of DC input
n
Leading edge pulse width modulation
n
Voltage-mode control with current injection and input line
feed-forward
n
Operates from AC or DC input up to 75V
n
Wide 4.5V to 30V bias supply range
n
Wide 0.75V to 12V output range.
n
Top and bottom gate drivers sink 2.5A peak
n
Adaptive gate driver dead-time control
n
Wide bandwidth error amplifier (4MHz)
n
Programmable soft-start
n
Thermal shutdown protection
n
TSSOP-16 or thermally enhanced LLP-16 packages
Typical Application Circuit
20134901
FIGURE 1. Simplified Multiple Output Power Converter Utilizing SSPR Technique
PRELIMINARY
March 2005
© 2005 National Semiconductor Corporation
DS201349
www.national.com


Similar Part No. - LM5115

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5115 TI-LM5115 Datasheet
931Kb / 24P
LM5115 Secondary Side Post Regulator / Synchronous Buck Controller
LM5115 TI1-LM5115 Datasheet
959Kb / 24P
Secondary Side Post Regulator / Synchronous Buck Controller
LM5115 TI-LM5115 Datasheet
931Kb / 24P
Secondary Side Post Regulator / Synchronous Buck Controller
LM5115 TI2-LM5115 Datasheet
623Kb / 27P
LM5115 Secondary Side Post Regulator / Synchronous Buck Controller
REVISED MARCH 2013
logo
National Semiconductor ...
LM5115A NSC-LM5115A Datasheet
403Kb / 20P
Secondary Side Post Regulator/DC-DC Converter with Power-up/Power-down Tracking
More results

Similar Description - LM5115

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1584 TI-UC1584 Datasheet
153Kb / 7P
Secondary Side Synchronous Post Regulator
logo
Linear Technology
LT3710 LINER-LT3710 Datasheet
226Kb / 12P
Secondary Side Synchronous Post Regulator
logo
National Semiconductor ...
LM25115 NSC-LM25115 Datasheet
724Kb / 17P
Secondary Side Post Regulator Controller
logo
Texas Instruments
UCC3583D TI1-UCC3583D Datasheet
1Mb / 18P
Switch Mode Secondary Side Post Regulator
LM5115MTCX TI-LM5115MTCX Datasheet
931Kb / 24P
LM5115 Secondary Side Post Regulator / Synchronous Buck Controller
LM5115 TI1-LM5115_14 Datasheet
959Kb / 24P
Secondary Side Post Regulator / Synchronous Buck Controller
logo
Linear Technology
LT3710 LINER-LT3710_15 Datasheet
228Kb / 12P
Secondary Side Synchronous Post Regulator
logo
Texas Instruments
LM5115 TI-LM5115_15 Datasheet
931Kb / 24P
Secondary Side Post Regulator / Synchronous Buck Controller
LM25115 TI-LM25115_15 Datasheet
951Kb / 23P
LM25115 Secondary Side Post Regulator Controller
UC1584 TI1-UC1584_08 Datasheet
179Kb / 8P
Secondary Side Synchronous Post Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com