Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5115 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5115
Description  Secondary Side Post Regulator Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5115 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM5115 Datasheet HTML 5Page - National Semiconductor (TI) LM5115 Datasheet HTML 6Page - National Semiconductor (TI) LM5115 Datasheet HTML 7Page - National Semiconductor (TI) LM5115 Datasheet HTML 8Page - National Semiconductor (TI) LM5115 Datasheet HTML 9Page - National Semiconductor (TI) LM5115 Datasheet HTML 10Page - National Semiconductor (TI) LM5115 Datasheet HTML 11Page - National Semiconductor (TI) LM5115 Datasheet HTML 12Page - National Semiconductor (TI) LM5115 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Detailed Operating Description
The LM5115 controller contains all of the features necessary
to implement multiple output power converters utilizing the
Secondary Side Post Regulation (SSPR) technique. The
SSPR technique develops a highly efficient and well regu-
lated auxiliary output from the secondary side switching
waveform of an isolated power converter. Regulation of the
auxiliary output voltage is achieved by leading edge pulse
width modulation (PWM) of the main channel duty cycle.
Leading edge modulation is compatible with either current
mode or voltage mode control of the main output. The
LM5115 drives external high side and low side NMOS power
switches configured as a synchronous buck regulator. A
current sense amplifier provides overload protection and
operates over a wide common mode input range from 0V to
12V. Additional features include a low dropout (LDO) bias
regulator, error amplifier, precision reference, adaptive dead
time control of the gate driver signals and thermal shutdown.
A programmable oscillator provides a PWM clock signal
when the LM5115 is powered by a dc input (free-run mode)
instead of the phase signal of the main channel converter
(SSPR mode).
Low Drop-out Bias Regulator
(VCC)
The LM5115 contains an internal LDO regulator that oper-
ates over an input supply range from 4.5V to 30V. The output
of the regulator at the VCC pin is nominally regulated at 7V
and is internally current limited to 40mA. VCC is the main
supply to the internal logic, PWM controller, and gate driver
circuits. When power is applied to the VBIAS pin, the regu-
lator is enabled and sources current into an external capaci-
tor connected to the VCC pin. The recommended output
capacitor range for the VCC regulator is 0.1uF to 100uF.
When the voltage at the VCC pin reaches the VCC under-
voltage lockout threshold of 4.25V, the controller is enabled.
The controller is disabled if VCC falls below 4.0V (250mV
hysteresis). In applications where an appropriate regulated
dc bias supply is available, the LM5115 controller can be
powered directly through the VCC pin instead of the VBIAS
pin. In this configuration, it is recommended that the VCC
and the VBIAS pins be connected together such that the
external bias voltage is applied to both pins. The allowable
VCC range when biased from an external supply is 4.5V to
7V.
Synchronization (SYNC) and
Feed-forward (RAMP)
The pulsing “phase signal” from the main converter synchro-
nizes the PWM ramp and gate drive outputs of the LM5115.
The phase signal is the square wave output from the trans-
former secondary winding before rectification (Figure 1). A
resistor connected from the phase signal to the low imped-
ance SYNC pin produces a square wave current (I
SYNC)as
shown in Figure 2. A current comparator at the SYNC input
monitors I
SYNC relative to an internal 15µA reference. When
I
SYNC exceeds 15µA, the internal clock signal (CLK) is reset
and the capacitor connected to the RAMP begins to charge.
The current source that charges the RAMP capacitor is
equal to 3 times the I
SYNC current. The falling edge of the
phase signal sets the CLK signal and discharges the RAMP
capacitor until the next rising edge of the phase signal. The
RAMP capacitor is discharged to ground by a low imped-
ance (100
Ω) n-channel MOSFET. The input impedance at
SYNC pin is 2.5k
Ω which is normally much less than the
external SYNC pin resistance.
The RAMP and SYNC functions illustrated in Figure 2 pro-
vide line voltage feed-forward to improve the regulation of
the auxiliary output when the input voltage of the main
converter changes. Varying the input voltage to the main
converter produces proportional variations in amplitude of
the phase signal. The main channel PWM controller adjusts
the pulse width of the phase signal to maintain constant
volt*seconds and a regulated main output as shown in Fig-
ure 3. The variation of the phase signal amplitude and dura-
tion are reflected in the slope and duty cycle of the RAMP
signal of the LM5115 (I
SYNC
α phase signal amplitude). As a
result, the duty cycle of the LM5115 is automatically adjusted
to regulate the auxiliary output voltage with virtually no
change in the PWM threshold voltage. Transient line regu-
20134912
FIGURE 2. Line Feed-forward Diagram
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com