Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9410 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9410
Description  10-Bit 210 MSPS ADC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9410 Datasheet(HTML) 4 Page - Analog Devices

  AD9410 Datasheet HTML 1Page - Analog Devices AD9410 Datasheet HTML 2Page - Analog Devices AD9410 Datasheet HTML 3Page - Analog Devices AD9410 Datasheet HTML 4Page - Analog Devices AD9410 Datasheet HTML 5Page - Analog Devices AD9410 Datasheet HTML 6Page - Analog Devices AD9410 Datasheet HTML 7Page - Analog Devices AD9410 Datasheet HTML 8Page - Analog Devices AD9410 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
AD9410
Rev. A | Page 3 of 20
SPECIFICATIONS
DC SPECIFICATIONS
VDD = 3.3 V, VD = 3.3 V, VCC = 5.0 V; 2.5 V external reference; AIN = −0.5 dBFS; clock input = 210 MSPS; TA = 25°C; unless otherwise noted.
Table 1.
Parameter
Temp
Test Level
Min
Typ
Max
Unit
RESOLUTION
10
Bits
DC ACCURACY
No Missing Codes
Full
IV
Guaranteed
Differential Nonlinearity
25°C
I
−1.0
±0.5
+1.25
LSB
Full
VI
−1.0
+1.5
LSB
Integral Nonlinearity
25°C
I
−2.5
±1.65
+2.5
LSB
Full
VI
−3.0
+3.0
LSB
Gain Error
25°C
I
−6.0
0
+6.0
% FS
Gain Temperature Coefficient
Full
V
130
ppm/°C
ANALOG INPUT
Input Voltage Range (With Respect to AIN)
Full
V
±768
mV p-p
Common-Mode Voltage
Full
V
3.0
V
Input Offset Voltage
25°C
I
−15
+3
+15
mV
Full
VI
−20
+20
mV
Reference Voltage
Full
VI
2.4
2.5
2.6
V
Reference Temperature Coefficient
Full
V
50
ppm/°C
Input Resistance
Full
VI
610
875
1250
Ω
Input Capacitance
25°C
V
3
pF
Analog Bandwidth, Full Power
25°C
V
500
MHz
POWER SUPPLY
Power Dissipation AC1
25°C
V
2.1
W
Power Dissipation DC2
Full
VI
2.0
2.4
W
IVCC2
Full
VI
128
145
mA
IVD2
Full
VI
401
480
mA
Power Supply Rejection Ratio, PSRR
25°C
I
−7.5
+0.5
+7.5
mV/V
1 Clock input = 210 MSPS, AIN = –0.5 dBFS, 10 MHz sine wave, IVDD = 31 mA typical at CLOAD = 5 pF.
2 Clock input = 210 MSPS, AIN = dc, outputs not switching.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com