Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9410 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9410
Description  10-Bit 210 MSPS ADC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9410 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9410 Datasheet HTML 5Page - Analog Devices AD9410 Datasheet HTML 6Page - Analog Devices AD9410 Datasheet HTML 7Page - Analog Devices AD9410 Datasheet HTML 8Page - Analog Devices AD9410 Datasheet HTML 9Page - Analog Devices AD9410 Datasheet HTML 10Page - Analog Devices AD9410 Datasheet HTML 11Page - Analog Devices AD9410 Datasheet HTML 12Page - Analog Devices AD9410 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
AD9410
Rev. A | Page 8 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PIN 1
IDENTIFIER
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
AD9410
TOP VIEW
80-LEAD THIN QUAD FLAT PACKAGE
(Not to Scale)
AGND
AGND
VCC
REFOUT
REFIN
DNC
VCC
AGND
AGND
AIN
AGND
AGND
VCC
VCC
AGND
AGND
CLK+
AGND
VDD
DGND
DA4
DA3
DA2
DA1
DA0 (LSB)
VDD
DGND
DCO
DCO
DGND
VDD
ORB
DB9 (MSB)
DB8
DB7
DB6
DB5
VDD
AIN
CLK–
DNC = DO NOT CONNECT.
Figure 3. Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Function
1, 2, 8, 9, 12, 13, 16,
17, 20, 21, 24, 27, 28,
29, 30, 71, 72, 73, 74,
77, 78
AGND
Analog Ground.
3, 7, 14, 15
VCC
5 V Supply. (Regulate to within ±5%.)
4
REFOUT
Internal Reference Output.
5
REFIN
Internal Reference Input.
6
DNC
Do Not Connect.
10
AIN
Analog Input—True.
11
AIN
Analog Input—Complement.
18
CLK+
Clock Input—True.
19
CLK−
Clock Input—Complement.
22
DS
Data Sync (Input)—True. Tie low if not used.
23
DS
Data Sync (Input)—Complement. Float and decouple with 0.1 μF capacitor if not used.
25, 26, 31, 32, 69, 70,
75, 76
VD
3.3 V Analog Supply. (Regulate to within ±5%.)
33, 40, 49, 52, 59, 68
DGND
Digital Ground.
34, 41, 48, 53, 60, 67
VDD
3.3 V Digital Output Supply. (2.5 V to 3.6 V)
35 to 39
DB0 to DB4
Digital Data Output for Channel B. (LSB = DB0.)
42 to 46
DB5 to DB9
Digital Data Output for Channel B. (MSB = DB9.)
47
ORB
Data Overrange for Channel B.
50
DCO
Clock Output—Complement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com