Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9410 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9410
Description  10-Bit 210 MSPS ADC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9410 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9410 Datasheet HTML 9Page - Analog Devices AD9410 Datasheet HTML 10Page - Analog Devices AD9410 Datasheet HTML 11Page - Analog Devices AD9410 Datasheet HTML 12Page - Analog Devices AD9410 Datasheet HTML 13Page - Analog Devices AD9410 Datasheet HTML 14Page - Analog Devices AD9410 Datasheet HTML 15Page - Analog Devices AD9410 Datasheet HTML 16Page - Analog Devices AD9410 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
AD9410
Rev. A | Page 12 of 20
EQUIVALENT CIRCUITS
1.5kΩ
2.25kΩ
1.5kΩ
2.25kΩ
VCC
AIN
AIN
Figure 4. Equivalent Analog Input Circuit
VREFIN
VCC
Figure 5. Equivalent Reference Input Circuit
17kΩ
17kΩ
8kΩ
8kΩ
CLK+
100Ω
100Ω
CLK–
450Ω
450Ω
VCC
Figure 6. Equivalent Clock Input Circuit
VDD
DIGITAL
OUTPUT
Figure 7. Equivalent Digital Output Circuit
VREFOUT
VCC
Figure 8. Equivalent Reference Output Circuit
100kΩ
DFS
VCC
Figure 9. Equivalent DFS Input Circuit
7.5kΩ
DS
300Ω
17.5kΩ
300Ω
DS
VCC
Figure 10. Equivalent DS Input Circuit
7.5kΩ
I/P
300Ω
17.5kΩ
VCC
Figure 11. Equivalent I/P Input Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com