Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9410 Datasheet(PDF) 19 Page - Analog Devices

Part # AD9410
Description  10-Bit 210 MSPS ADC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9410 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9410 Datasheet HTML 13Page - Analog Devices AD9410 Datasheet HTML 14Page - Analog Devices AD9410 Datasheet HTML 15Page - Analog Devices AD9410 Datasheet HTML 16Page - Analog Devices AD9410 Datasheet HTML 17Page - Analog Devices AD9410 Datasheet HTML 18Page - Analog Devices AD9410 Datasheet HTML 19Page - Analog Devices AD9410 Datasheet HTML 20Page - Analog Devices AD9410 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
AD9410
Rev. A | Page 18 of 20
DAOR
DA7
DA8
DA5
GND
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66 65
64 63
62
61
GND
DA6
DA9
GND
3.3VA
GND
3.3VA
3.3VA
GND
3.3VA
GND
GND
E14
5V
GND
E12
E16
5V
E10
GND
VDD
E11
E7
DBOR
GND
DCOC
DCOT
GND
DB9
DB6
DB7
DA0
DA1
DA2
DA3
DA4
GND
VDD
DB8
VDD
VDD
GND
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
DGND
DCO
DCO
DGND
DGND
GND
GND
VDD
DB5
GND
GND
DB0
DB1
DB2
DB4
GND
GND
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
VDD
3.3VA
3.3VA
GND
GND
3.3VA
GND
3.3VA
GND
GND
J9X
J10X
GND
5V
GND
GND
ENCT
ENCC
GND
GND
GND
E3
E6
5V
GND
E1
1
T1
1:1
GND
J8
AIN
GND
2
3
6
5
4
GND
GND
GND
GND
GND
5V
GND
AD9410
U3
GND
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
C28
0.1 F
1
2
3
4
5
6
7
8
NC
D
D
VBB
VCC
Q
Q
VEE
U1
5V
GND
GND
J1
5V
GND
GND
R15
330Ω
GND
R11
330Ω
ENCT
ENCC
GND
MC10EL16
GND GND
5V
P1
P5
P4
GND
VDD/3.3V
GND
GND
3.3VA
GND
5V
GND
VDAC
GND
EXT REF
GND
1
2
3
4
1
2
3
4
1
2
3
4
GND
5V
3.3VA
VDD
EXT REF
VDAC
AGND
AGND
DNC
AGND
AGND
AGND
AGND
AGND
AGND
CLK+
CLK–
AGND
DB3
C1
10µF
C2
10µF
C3
10µF
C5
10µF
C4
10µF
R8
50Ω
R18
24kΩ
R9
24kΩ
R19
8.2kΩ
R14
8.2kΩ
C6
0.1µF
C40
0.1µF
C7
0.1µF
C8
0.1µF
NOTE:
R3, R6, R7, R24 OPTIONAL
(CAN BE ZERO Ω )
C14
0.1µF
C11
0.1µF
C10
0.1µF
R6
100Ω
R4
2.5kΩ
R7
100Ω
R3
100Ω
R24
100Ω
C27
0.1µF
C26
0.1µF
EXT
REF
C24
0.1µF
C25
0.1µF
C7
0.1µF
R23
50Ω
R25X
50Ω
C16
0.1µF
C15
0.1µF
R26
50Ω
C19
0.1µF
C18
0.1µF
C22
0.1µF
C21
0.1µF
C12
0.1µF
VCC
REFOUT
REFIN
VCC
R27
50Ω
AIN
AIN
VCC
VCC
VDD
DB6
VDD
DB5
DB7
DB8
DB9
ORB
VDD
DA1
VDD
DA0
DA2
DA3
DA4
Figure 29. PCB Schematic Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com