Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3421 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3421
Description  3A, 3MHz Micropower Synchronous Boost Converter with Output Disconnect
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3421 Datasheet(HTML) 1 Page - Linear Technology

  LTC3421 Datasheet HTML 1Page - Linear Technology LTC3421 Datasheet HTML 2Page - Linear Technology LTC3421 Datasheet HTML 3Page - Linear Technology LTC3421 Datasheet HTML 4Page - Linear Technology LTC3421 Datasheet HTML 5Page - Linear Technology LTC3421 Datasheet HTML 6Page - Linear Technology LTC3421 Datasheet HTML 7Page - Linear Technology LTC3421 Datasheet HTML 8Page - Linear Technology LTC3421 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC3421
1
3421f
s
Handheld Computers
s
Cordless Phones
s
GPS Receivers
s
Battery Backup Supplies
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
Synchronous Rectification: Up to 96% Efficiency
s
True Output Disconnect
s
Inrush Current Limiting
s
Very Low Quiescent Current: 12
µA
s
Up to 1.5A Continuous Output Current
s
Fixed Frequency Operation Up to 3MHz
s
0.5V to 4.5V Input Range
s
2.4V to 5.25V Adjustable Output Voltage
s
Guaranteed 1V Start-Up
s
Programmable Current Limit
s
Programmable Soft-Start
s
Synchronizable Oscillator
s
Manual or Automatic Burst Mode
® Operation
s
Low-Battery Comparator
s
<1
µA Shutdown Current
s
1.22V Reference Output Voltage
s
Small (4mm
× 4mm) Thermally Enhanced QFN
Package
3A, 3MHz Micropower
Synchronous Boost Converter
with Output Disconnect
Burst Mode is a registered trademark of Linear Technology Corporation.
The LTC
®3421 is a high efficiency, current mode, fixed
frequency, step-up DC/DC converter with true output dis-
connect and inrush current limiting. The device includes a
0.10
Ω N-channel MOSFET switch and a 0.14Ω P-channel
synchronous rectifier. This product has the ability to sim-
ply program the output voltage, switching frequency, cur-
rent limit, soft-start, Burst Mode threshold and loop
compensation with external passive components.
Quiescent current is only 12
µA during Burst Mode opera-
tion, maximizing battery life in portable applications. The
oscillator frequency can be programmed up to 3MHz and
can be synchronized to an external clock applied to the
SYNC pin. An open-drain uncommitted low-battery com-
parator is included. The part maintains operation in
applications with a secondary cell powering the output
voltage during shutdown.
Other features include: 1
µAshutdown,antiringingcontrol,
thermal limit and reference output.
The LTC3421 is available in a small 4mm
× 4mm QFN
package.
SHDN
ENB
VREF
LBI
LBO
SYNC
ILIM
VOUTS
VOUT
VOUT
VOUT
FB
VC
BURST
VIN
221
14
15
16
18
17
19
20
1
24
9
13
12
11
10
5
6
8
7
22
23
3
4
SW SW
L1
4.7
µH
SW
SS
RT
GND
LTC3421
0.1
µF
0.1
µF
470pF
C5*
22
µF
C1*
4.7
µF
VIN
1.8V TO 3V
2
CELLS
28k
20k
100k
340k
VOUT
3.3V
1.2A
200k
3421 TA01
45.3k
*LOCATE COMPONENTS CLOSE TO PINS
C1: TAIYO YUDEN JMK212BJ106MM
PGND PGND PGND
C5: TAIYO YUDEN JMK325BJ226MM
L1: TDK RLF7030T-4R7M3R4
2-Cell to 3.3V Efficiency
OUTPUT CURRENT (mA)
30
90
100
20
10
80
50
70
60
40
0.1
10
100
1000
3421 G02
0
1
Burst Mode OPERATION
VIN = 3V
VOUT = 3.3V
fOSC = 1MHz
VIN = 2.4V
VIN = 2V
DESCRIPTIO
FEATURES
APPLICATIO S
TYPICAL APPLICATIO


Similar Part No. - LTC3421

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3421 LINER-LTC3421 Datasheet
245Kb / 16P
3A, 3MHz Micropower Synchronous Boost Converter with Output Disconnect
logo
Analog Devices
LTC3421 AD-LTC3421 Datasheet
808Kb / 29P
8V, 12A, 2-Phase Low IQ Synchronous Boost Converter
Rev B
logo
Linear Technology
LTC3421 LINER-LTC3421_15 Datasheet
245Kb / 16P
3A, 3MHz Micropower Synchronous Boost Converter with Output Disconnect
More results

Similar Description - LTC3421

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3401 LINER-LTC3401 Datasheet
240Kb / 16P
1A, 3MHz Micropower Synchronous Boost Converter
logo
Kingbor Technology Co
KB3436 KINGBOR-KB3436 Datasheet
164Kb / 11P
600mA, 650kHz Micropower Synchronous Boost Converter with Output Disconnect
logo
Linear Technology
LTC3402 LINER-LTC3402 Datasheet
229Kb / 16P
2A, 3MHz Micropower Synchronous Boost Converter
LTC3423 LINER-LTC3423 Datasheet
206Kb / 12P
Low Output Voltage, 3MHz Micropower Synchronous Boost Converters
LTC3429 LINER-LTC3429 Datasheet
198Kb / 12P
600mA, 500kHz Micropower Synchronous Boost Converter with Output Disconnect
LTC3429 LINER-LTC3429_15 Datasheet
204Kb / 12P
600mA, 500kHz Micropower Synchronous Boost Converter with Output Disconnect
LTC3429B LINER-LTC3429B_15 Datasheet
204Kb / 12P
600mA, 500kHz Micropower Synchronous Boost Converter with Output Disconnect
LTC3401 LINER-LTC3401_15 Datasheet
240Kb / 16P
1A, 3MHz Micropower Synchronous Boost Converter
LTC3402 LINER-LTC3402_15 Datasheet
235Kb / 16P
2A, 3MHz Micropower Synchronous Boost Converter
LTC3421 LINER-LTC3421_15 Datasheet
245Kb / 16P
3A, 3MHz Micropower Synchronous Boost Converter with Output Disconnect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com