Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3421 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3421
Description  3A, 3MHz Micropower Synchronous Boost Converter with Output Disconnect
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3421 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3421 Datasheet HTML 6Page - Linear Technology LTC3421 Datasheet HTML 7Page - Linear Technology LTC3421 Datasheet HTML 8Page - Linear Technology LTC3421 Datasheet HTML 9Page - Linear Technology LTC3421 Datasheet HTML 10Page - Linear Technology LTC3421 Datasheet HTML 11Page - Linear Technology LTC3421 Datasheet HTML 12Page - Linear Technology LTC3421 Datasheet HTML 13Page - Linear Technology LTC3421 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LTC3421
10
3421f
OPERATIO
The circuit connected to BURST should be able to sink or
source up to 2mA. Note that Burst Mode operaton is
inhibited during start-up and soft-start.
Note that if VIN is above VOUT – 0.3V, the part will exit Burst
Mode operation and the synchronous rectifier will be
disabled.
Note that if the load applied during forced Burst Mode
operation exceeds the current that can be supplied, the
output voltage will start to droop and the part will auto-
matically come out of Burst Mode operation and enter fixed
frequency mode, raising VOUT. The maximum current that
can be supplied in Burst Mode operation is given by:
Simplified Diagram of Automatic Burst Mode Control Circuit
24
TO
MODULATOR
CLAMP
0.5V TO 1V
SLEEP
3421 TA03
ERROR AMP/
SLEEP COMP
VC
RCOMP
CCOMP
VREF
±1%
–
+
–
+
9 BURST
0.9V/
1.1V
RB
CB
SSDONE
MODE
1 = Burst Mode
OPERATION
0 = PWM MODE
SSDONE
VREF
–4%
UV
VCC
1mA
IOUT/3000
1
FB
I
VV
V
in amps
O MAX
OUT
IN
IN
()
.
•
–
=
+
()
055
2
1
OUTPUT DISCONNECT AND INRUSH LIMITING
The LTC3421 is designed to allow true output disconnect
by eliminating body diode conduction of the internal
P-channel MOSFET rectifier. This allows VOUT to go to zero
volts during shutdown without drawing any current from
the input source. It also allows for inrush current limiting
at turn-on, minimizing surge currents seen by the input
supply. Note that to obtain the advantages of output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com