Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3421 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3421
Description  3A, 3MHz Micropower Synchronous Boost Converter with Output Disconnect
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3421 Datasheet(HTML) 3 Page - Linear Technology

  LTC3421 Datasheet HTML 1Page - Linear Technology LTC3421 Datasheet HTML 2Page - Linear Technology LTC3421 Datasheet HTML 3Page - Linear Technology LTC3421 Datasheet HTML 4Page - Linear Technology LTC3421 Datasheet HTML 5Page - Linear Technology LTC3421 Datasheet HTML 6Page - Linear Technology LTC3421 Datasheet HTML 7Page - Linear Technology LTC3421 Datasheet HTML 8Page - Linear Technology LTC3421 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC3421
3
3421f
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Frequency Accuracy
q
0.85
1
1.15
MHz
SYNC Input High
q
2.2
V
SYNC Input Low
q
0.8
V
SYNC Input Current
q
0.01
1
µA
ENB Input High
q
1.2
V
ENB Input Low
q
0.4
V
ENB Input Current
q
1
µA
SHDN Input High
VOUT = 0V (Initial Start-Up)
1.00
V
VOUT > 2.4V
0.65
V
SHDN Input Low
0.25
V
SHDN Input Current
q
0.01
1
µA
REF Output Voltage
q
1.183
1.22
1.257
V
REF Output Current Range
–100
8
µA
Error Amp Transconductance
45
µs
LBI Threshold
Falling Edge
q
0.58
0.6
0.62
V
LBI Input Current
q
0.01
1
µA
LBO Low Voltage
VIN = 0V, ISINK = 1mA
12.0
50
mV
VIN = 0V, ISINK = 20mA
0.25
0.5
V
LBO Leakage
VPGOOD = 5.5V
0.01
1
µA
SS Current Source
VSS = 1V
1.2
2.4
5
µA
BURST Threshold Voltage
Falling Edge
0.87
0.97
1.07
V
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 1.2V, VOUT = 3.3V, RT = 28k, unless otherwise noted.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LTC3421E is guaranteed to meet performance specifications
from 0
°C to 70°C. Specifications over the 40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
Note 3: Current is measured into the VOUTS pin since the supply current is
bootstrapped to the output. The current will reflect to the input supply by
(VOUT/VIN) • Efficiency. The outputs are not switching.
Note 4: Once VOUT is greater than 2.4V, the IC is not dependent on the VIN
supply.
Note 5: This IC includes overtemperature protection that is intended to
protect the device during momentary overload conditions. Junction
temperature will exceed 125
°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com