Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3421 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3421
Description  3A, 3MHz Micropower Synchronous Boost Converter with Output Disconnect
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3421 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3421 Datasheet HTML 3Page - Linear Technology LTC3421 Datasheet HTML 4Page - Linear Technology LTC3421 Datasheet HTML 5Page - Linear Technology LTC3421 Datasheet HTML 6Page - Linear Technology LTC3421 Datasheet HTML 7Page - Linear Technology LTC3421 Datasheet HTML 8Page - Linear Technology LTC3421 Datasheet HTML 9Page - Linear Technology LTC3421 Datasheet HTML 10Page - Linear Technology LTC3421 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LTC3421
7
3421f
BLOCK DIAGRA
Σ
+
–
+
–
+
PWM
LOGIC
CURRENT
COMP
ERROR
AMP
1.22V
CURRENT
LIMIT
++
Burst Mode
CONTROL
THERMAL
REG/SHDN
OSC
1.22V REF
2%
SLEEP
1%
UV
OV
OFF
–3%
0.97V/1.05V
BURST
I/3000
3%
GND
–
+
–
+
BURST
COMP
9
LBO
3421 BD
22
VC
24
FB
1
ILIM
SS
ISENSE
AMP
NMOS
ANTICROSS
CONDUCTION
ILIMIT =
150k/RC1
VIN
VDD
ANTIRING
–
+
VIN
WELL
SWITCH
IZERO
AMP
CP
CSS
RZ
R2
R1
VOUT
2.40V TO 5.25V
RC1
8
VOUT
17
VOUT
19
VOUT
20
6
SW
14
VIN
1V TO 4.5V
21
ENB
VOUT
4
VREF
3
RT
5
SYNC
VIN
VOUT
SYNC
IN
0.6V/
0.63V
7
LBI
R2
ENB
23
10
SHDN
SHUTDOWN
2
SW
15
SW
PMOS
16
VOUTS
18
PGND
11
EXPOSED
PAD
25
PGND
12
PGND
13
SLOPE COMP
R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com