Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP3401G Datasheet(PDF) 34 Page - Micronas

Part # MSP3401G
Description  Multistandard Sound Processor Family with Virtual Dolby Surround
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3401G Datasheet(HTML) 34 Page - Micronas

Back Button MSP3401G Datasheet HTML 30Page - Micronas MSP3401G Datasheet HTML 31Page - Micronas MSP3401G Datasheet HTML 32Page - Micronas MSP3401G Datasheet HTML 33Page - Micronas MSP3401G Datasheet HTML 34Page - Micronas MSP3401G Datasheet HTML 35Page - Micronas MSP3401G Datasheet HTML 36Page - Micronas MSP3401G Datasheet HTML 37Page - Micronas MSP3401G Datasheet HTML 38Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 104 page
background image
MSP 34x1G
PRELIMINARY DATA SHEET
34
Micronas
00 20hex
Tone Control Mode Loudspeaker Channel
bit[15:8]
00hex
bass and treble is active
FFhex
equalizer is active
Defines whether Bass/Treble or Equalizer is activated for the loudspeaker chan-
nel. Bass and Equalizer cannot work simultaneously. If Equalizer is used, Bass,
and Treble coefficients must be set to zero and vice versa.
TONE_MODE
00 02hex
00 31hex
Bass Loudspeaker Channel
Bass Headphone Channel
bit[15:8]
extended range
7Fhex
+20 dB
78hex
+18 dB
70hex
+16 dB
68hex
+14 dB
normal range
60hex
+12 dB
58hex
+11 dB
...
08hex
+1dB
00hex
0dB
F8hex
−1dB
...
A8hex
−11 dB
A0hex
−12 dB
Higher resolution is possible: an LSB step in the normal range results in a gain
step of about 1/8 dB, in the extended range about 1/4 dB.
With positive bass settings, internal clipping may occur even with overall volume
less than 0 dB. This will lead to a clipped output signal. Therefore, it is not rec-
ommended to set bass to a value that, in conjunction with volume, would result
in an overall positive gain.
BASS_MAIN
BASS_AUX
Table 3–11: Write Registers on I2C Subaddress 12hex, continued
Register
Address
Function
Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com