Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP3401G Datasheet(PDF) 3 Page - Micronas

Part # MSP3401G
Description  Multistandard Sound Processor Family with Virtual Dolby Surround
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3401G Datasheet(HTML) 3 Page - Micronas

  MSP3401G Datasheet HTML 1Page - Micronas MSP3401G Datasheet HTML 2Page - Micronas MSP3401G Datasheet HTML 3Page - Micronas MSP3401G Datasheet HTML 4Page - Micronas MSP3401G Datasheet HTML 5Page - Micronas MSP3401G Datasheet HTML 6Page - Micronas MSP3401G Datasheet HTML 7Page - Micronas MSP3401G Datasheet HTML 8Page - Micronas MSP3401G Datasheet HTML 9Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 104 page
background image
Contents, continued
Page
Section
Title
PRELIMINARY DATA SHEET
MSP 34x1G
Micronas
3
19
3.2.
Start-Up Sequence: Power-Up and I2C-Controlling
19
3.3.
MSP 34x1G Programming Interface
19
3.3.1.
User Registers Overview
23
3.3.2.
Description of User Registers
24
3.3.2.1.
STANDARD SELECT Register
24
3.3.2.2.
Refresh of STANDARD SELECT Register
24
3.3.2.3.
STANDARD RESULT Register
26
3.3.2.4.
Write Registers on I2C Subaddress 10hex
28
3.3.2.5.
Read Registers on I2C Subaddress 11hex
29
3.3.2.6.
Write Registers on I2C Subaddress 12hex
44
3.3.2.7.
Read Registers on I2C Subaddress 13hex
45
3.4.
Programming Tips
45
3.5.
Examples of Minimum Initialization Codes
45
3.5.1.
SCART1 Input to Loudspeaker in Stereo Sound
45
3.5.2.
SCART1 Input to Loudspeaker in 3D-PANORAMA Sound
45
3.5.3.
Noise Sequencer for 3D-PANORAMA Sound
46
3.5.4.
B/G-FM (A2 or NICAM)
46
3.5.5.
BTSC-Stereo
46
3.5.6.
BTSC-SAP with SAP at Loudspeaker Channel
46
3.5.7.
FM-Stereo Radio
46
3.5.8.
Automatic Standard Detection
46
3.5.9.
Software Flow for Interrupt driven STATUS Check
48
4.
Specifications
48
4.1.
Outline Dimensions
50
4.2.
Pin Connections and Short Descriptions
53
4.3.
Pin Descriptions
56
4.4.
Pin Configurations
60
4.5.
Pin Circuits
62
4.6.
Electrical Characteristics
62
4.6.1.
Absolute Maximum Ratings
63
4.6.2.
Recommended Operating Conditions (TA = 0 to 70 °C)
63
4.6.2.1.
General Recommended Operating Conditions
63
4.6.2.2.
Analog Input and Output Recommendations
64
4.6.2.3.
Recommendations for Analog Sound IF Input Signal
65
4.6.2.4.
Crystal Recommendations
66
4.6.3.
Characteristics
66
4.6.3.1.
General Characteristics
67
4.6.3.2.
Digital Inputs, Digital Outputs
68
4.6.3.3.
Reset Input and Power-Up
69
4.6.3.4.
I2C-Bus Characteristics
70
4.6.3.5.
I2S-Bus Characteristics
72
4.6.3.6.
Analog Baseband Inputs and Outputs, AGNDC
73
4.6.3.7.
Sound IF Inputs
73
4.6.3.8.
Power Supply Rejection
74
4.6.3.9.
Analog Performance
77
4.6.3.10.
Sound Standard Dependent Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com