Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP3401G Datasheet(PDF) 39 Page - Micronas

Part # MSP3401G
Description  Multistandard Sound Processor Family with Virtual Dolby Surround
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3401G Datasheet(HTML) 39 Page - Micronas

Back Button MSP3401G Datasheet HTML 35Page - Micronas MSP3401G Datasheet HTML 36Page - Micronas MSP3401G Datasheet HTML 37Page - Micronas MSP3401G Datasheet HTML 38Page - Micronas MSP3401G Datasheet HTML 39Page - Micronas MSP3401G Datasheet HTML 40Page - Micronas MSP3401G Datasheet HTML 41Page - Micronas MSP3401G Datasheet HTML 42Page - Micronas MSP3401G Datasheet HTML 43Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 104 page
background image
PRELIMINARY DATA SHEET
MSP 34x1G
Micronas
39
00 6Ahex
MDB Harmonic Content
bit[15:8]
00hex
no harmonics are added (default)
64hex
50% fundamentals + 50% harmonics
7Fhex
100% harmonics
bit[7:0]
00hex
must be zero
MDB creates harmonics of the frequencies below the MDB highpass frequency
(MDB_HP). The variable MDB_HMC describes the ratio of the harmonics
towards the original signal.
MDB_HMC
00 6Bhex
MDB Low Pass Corner Frequency
bit[15:8]
5
50 Hz
660 Hz
...
30
300 Hz
bit[7:0]
00hex
must be zero
The MDB lowpass corner frequency (range 50...300 Hz) defines the upper cor-
ner frequency of the MDB bandpass filter. Recommended values are the same
as for the MDB highpass corner frequency (MDB_HP).
MDB_LP
00 6Chex
MDB High Pass Corner Frequency
bit[15:8]
2
20 Hz
330 Hz
...
30
300 Hz
bit[7:0]
00hex
must be zero
The MDB highpass corner frequency defines the lower corner frequency of the
MDB bandpass filter. The highpass filter avoids loading the loudspeakers with
low frequency components that are below the speakers’ cut off frequency. Rec-
ommended values for subwoofer systems are around 5 (=50 Hz), for regular TV
sets around 10 (=100 Hz).
MDB_HP
Table 3–11: Write Registers on I2C Subaddress 12hex, continued
Register
Address
Function
Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com