Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP3401G Datasheet(PDF) 72 Page - Micronas

Part # MSP3401G
Description  Multistandard Sound Processor Family with Virtual Dolby Surround
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3401G Datasheet(HTML) 72 Page - Micronas

Back Button MSP3401G Datasheet HTML 68Page - Micronas MSP3401G Datasheet HTML 69Page - Micronas MSP3401G Datasheet HTML 70Page - Micronas MSP3401G Datasheet HTML 71Page - Micronas MSP3401G Datasheet HTML 72Page - Micronas MSP3401G Datasheet HTML 73Page - Micronas MSP3401G Datasheet HTML 74Page - Micronas MSP3401G Datasheet HTML 75Page - Micronas MSP3401G Datasheet HTML 76Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 104 page
background image
MSP 34x1G
PRELIMINARY DATA SHEET
72
Micronas
4.6.3.6. Analog Baseband Inputs and Outputs, AGNDC
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Test Conditions
Analog Ground
VAGNDC0
AGNDC Open Circuit Voltage
(AHVSUP = 8 V)
AGNDC
3.77
V
Rload ≥10 MΩ
AGNDC Open Circuit Voltage
(AHVSUP = 5 V)
2.51
V
RoutAGN
AGNDC Output Resistance
(AHVSUP = 8 V)
70
125
180
k
Ω
3 V
≤ V
AGNDC ≤ 4 V
AGNDC Output Resistance
(AHVSUP = 5 V)
47
83
120
k
Ω
Analog Input Resistance
RinSC
SCART Input Resistance
from TA = 0 to 70 °C
SCn_IN_s1)
25
40
58
k
Ω
fsignal = 1 kHz, I = 0.05 mA
RinMONO
MONO Input Resistance
from TA = 0 to 70 °C
MONO_IN
1524
35k
Ω
fsignal = 1 kHz, I = 0.1 mA
Audio Analog-to-Digital-Converter
VAICL
Analog Input Clipping Level for
Analog-to-Digital-
Conversion
(AHVSUP = 8 V)
SCn_IN_s,1)
MONO_IN
2.00
2.25
VRMS
fsignal = 1 kHz
Analog Input Clipping Level for
Analog-to-Digital-
Conversion
(AHVSUP = 5 V)
1.13
1.51
VRMS
SCART Outputs
RoutSC
SCART Output Resistance
SCn_OUT_s1)
200
200
330
460
500
Ω
Ω
fsignal = 1 kHz, I = 0.1 mA
Tj = 27 °C
TA = 0 to 70 °C
dVOUTSC
Deviation of DC-Level at SCART
Output from AGNDC Voltage
−70
+70
mV
ASCtoSC
Gain from Analog Input
to SCART Output
SCn_IN_s,1)
MONO_IN
→
SCn_OUT_s1)
−1.0
+0.5
dB
fsignal = 1 kHz
frSCtoSC
Frequency Response from Analog
Input to SCART Output
−0.5
+0.5
dB
with resp. to 1 kHz
Bandwidth: 0 to 20000 Hz
VoutSC
Signal Level at SCART Output
(AHVSUP = 8 V)
SCn_OUT_s1)
1.8
1.9
2.0
VRMS
fsignal = 1 kHz
Volume 0 dB
Full Scale input from I2S
Signal Level at SCART Output
(AHVSUP = 5V)
1.17
1.27
1.37
VRMS
1) “n” means “1”, “2”, “3”, or “4”;
“s” means “L” or “R”;
“p” means “M” or “A”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com