Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IGPS-9084GP Datasheet(PDF) 1 Page - ORing Industrial Networking Corp

Part # IGPS-9084GP
Description  Industrial 12-port managed Gigabit PoE Ethernet switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

IGPS-9084GP Datasheet(HTML) 1 Page - ORing Industrial Networking Corp

  IGPS-9084GP Datasheet HTML 1Page - ORing Industrial Networking Corp IGPS-9084GP Datasheet HTML 2Page - ORing Industrial Networking Corp IGPS-9084GP Datasheet HTML 3Page - ORing Industrial Networking Corp IGPS-9084GP Datasheet HTML 4Page - ORing Industrial Networking Corp IGPS-9084GP Datasheet HTML 5Page - ORing Industrial Networking Corp IGPS-9084GP Datasheet HTML 6Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
www.oring-networking.com
1-330
IGPS-9084GP
▪
Support O-Ring (recovery time < 30ms over 250 units of connection) and
MSTP(RSTP/STP compatible) for Ethernet Redundancy
▪
Open-Ring support the other vendor's ring technology in open architecture
▪
O-Chain allow multiple redundant network rings
▪
Support standard IEC 62439-2 MRP*NOTE (Media Redundancy Protocol)
function
▪
8 port P.S.E. fully compliant with IEEE802.3at standard, provide up to 30 Watts
per port
▪
Support PoE scheduled configuration and PoE auto-ping check function
▪
Support IEEE 1588v2 clock synchronization
▪
Support IPV6 new internet protocol version
▪
Support Modbus TCP protocol
▪
Support IEEE 802.3az Energy-Efficient Ethernet technology
▪
Provided HTTPS/SSH protocol to enhance network security
▪
Support SMTP client
▪
Support IP-based bandwidth management
▪
Support application-based QoS management
▪
Support Device Binding security function
▪
Support DOS/DDOS auto prevention
▪
IGMP v2/v3 (IGMP snooping support) for filtering multicast traffic
▪
Support SNMP v1/v2c/v3 & RMON & 802.1Q VLAN Network Management
▪
Support ACL, TACACS+ and 802.1x User Authentication for security
▪
Supports 9.6K Bytes Jumbo Frame
▪
Multiple notification for warning of unexpected event
▪
Web-based ,Telnet, Console (CLI), and Windows utility (Open-Vision)
configuration
▪
Support LLDP Protocol
▪
Rigid IP-30 housing design
▪
DIN-Rail and wall mounting enabled
IGPS-9084GP is managed redundant ring PoE Ethernet switch with 8x10/100/1000Base-T(X) P.S.E. ports and 4x100/1000Base-X SFP ports. The switch
support Ethernet Redundancy protocol, O-Ring (recovery time < 30ms over 250 units of connection) and MSTP (RSTP/STP compatible) can protect your mission-
critical applications from network interruptions or temporary malfunctions with its fast recovery technology. IGPS-9084GP also support Power over Ethernet, a
system to transmit electrical power up to 30 watts, along with data, to remote devices over standard twisted-pair cable in an Ethernet network. Each IGPS-9084GP
switch has 8x10/100/1000Base-T(X) P.S.E. (Power Sourcing Equipment) ports. P.S.E. is a device (switch or hub for instance) that will provide power in a PoE
connection. And support wide operating temperature from -40 to 75°C. IGPS-9084GP can also be managed centralized and convenient by Open-Vision, Except
the Web-based interface, Telnet and console (CLI) configuration. Therefore, the switch is one of the most reliable choice for highly-managed and Fiber Ethernet
application.
Introduction
Features
O-Ring
Industrial Ethernet Switch DIN-Rail Managed Gigabit PoE Ethernet Switch
P.S.E
Full Gigabit
v1.0a / Feb, 2013
▪
O-Ring : O-Ring is ORing's proprietary redundant ring technology, with recovery time of less 30 milliseconds and up to 250 nodes. The O-Ring
redundant ring technology can protect mission-critical application from network interruptions or temporary malfunction with its fast recover
technology.
IGPS-9084GP
Industrial 12-port managed Gigabit PoE Ethernet switch with
8x10/100/1000Base-T(X) P.S.E. ports and 4x100/1000Base-X, SFP
socket
*NOTE: This function is available by request only


Similar Part No. - IGPS-9084GP

ManufacturerPart #DatasheetDescription
logo
ORing Industrial Networ...
IGPS-9084GP-60W ORING-IGPS-9084GP-60W Datasheet
560Kb / 6P
Industrial 12-port managed Gigabit PoE Ethernet switch
IGPS-9084GP-L ORING-IGPS-9084GP-L Datasheet
557Kb / 6P
Industrial 12-port managed Gigabit PoE Ethernet switch
More results

Similar Description - IGPS-9084GP

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
NT24K-12GX4-POE REDLION-NT24K-12GX4-POE Datasheet
580Kb / 3P
Industrial Managed Gigabit PoE Ethernet Switch
NT24K-10FX2-POE REDLION-NT24K-10FX2-POE Datasheet
567Kb / 3P
Industrial Managed Gigabit PoE Ethernet Switch
logo
ORing Industrial Networ...
IGPS-9080 ORING-IGPS-9080 Datasheet
2Mb / 6P
Industrial 8-port managed Gigabit PoE Ethernet switch
IGPS-9084GP-60W ORING-IGPS-9084GP-60W Datasheet
560Kb / 6P
Industrial 12-port managed Gigabit PoE Ethernet switch
IGPS-9084GP-L ORING-IGPS-9084GP-L Datasheet
557Kb / 6P
Industrial 12-port managed Gigabit PoE Ethernet switch
IGPS-9842GTP ORING-IGPS-9842GTP Datasheet
2Mb / 6P
Industrial 14-port managed Gigabit PoE Ethernet switch
IGPS-R9084GP ORING-IGPS-R9084GP Datasheet
1Mb / 6P
Industrial Layer-3 12-port managed Gigabit PoE Ethernet switch
RGPS-9084GP-P ORING-RGPS-9084GP-P Datasheet
1Mb / 5P
Industrial 12-port rack mount managed Gigabit PoE Ethernet switch
RGPS-92222GCP-NP ORING-RGPS-92222GCP-NP Datasheet
2Mb / 6P
Industrial 26-port managed Gigabit PoE Ethernet switch
TGPS-9084GT-M12 ORING-TGPS-9084GT-M12 Datasheet
4Mb / 7P
12-port managed Gigabit PoE Ethernet switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com