Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IGPS-9084GP Datasheet(PDF) 2 Page - ORing Industrial Networking Corp

Part # IGPS-9084GP
Description  Industrial 12-port managed Gigabit PoE Ethernet switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

IGPS-9084GP Datasheet(HTML) 2 Page - ORing Industrial Networking Corp

  IGPS-9084GP Datasheet HTML 1Page - ORing Industrial Networking Corp IGPS-9084GP Datasheet HTML 2Page - ORing Industrial Networking Corp IGPS-9084GP Datasheet HTML 3Page - ORing Industrial Networking Corp IGPS-9084GP Datasheet HTML 4Page - ORing Industrial Networking Corp IGPS-9084GP Datasheet HTML 5Page - ORing Industrial Networking Corp IGPS-9084GP Datasheet HTML 6Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1-331
1-331
Designed for Rugged Excellence
▪
Open-Ring : Open-Ring is an enhanced redundant technology that makes ORing's switches compatible with other vendor's proprietary redundant
ring technologies. It enables ORing's switches to form a single ring with other vendor's switch. In cases where the ring is setup using
proprietary technology, ORing offers a compatibility service where ORing can make its switches compatible with your particular network requirements.
▪
O-Chain : O-Chain is the revolutionary network redundancy technology that provides the add-on network redundancy topology for any backbone
network, O-Chain allows multiple redundant network rings of different redundancy protocols to join and function together as a larger and more robust
compound network topology. O-Chain providing ease-of-use while maximizing fault-recovery swiftness, flexibility, compatibility, and cost-effectiveness
in one set of network redundancy topology.
▪
MRP*NOTE : Media Redundancy Protocol (MRP) is a data network protocol standardized by the IEC 62439-2. It allows rings of Ethernet switches to
overcome any single failure with recovery time much faster than achievable with Spanning Tree Protocol.
▪
IP-based Bandwidth Management : The switch provide advanced IP-based bandwidth management which can limit the maximum bandwidth
for each IP device. User can configure IP camera and NVR with more bandwidth and limit other device bandwidth.
▪
Application-Based QoS : The switch also support application-based QoS. Application-based QoS can set highest priority for data stream according
to TCP/UDP port number.
▪
Device Binding Function : ORing special Device Binding function can only permit allowed IP address with MAC address to access the network.
Hacker cannot access the IP surveillance network without permission. It can avoid hacker from stealing video privacy data and attacking IP camera, NVR
and controllers.
▪
Advanced DOS/DDOS Auto Prevention : The switch also provided advanced DOS/DDOS auto prevention. If there is any IP flow become big in
short time, the switch will lock the source IP address for certain time to prevent the attack. It's hardware based prevention so it can prevent DOS/DDOS
attack immediately and completely.
▪
IEEE 1588v2 Technology : The IEEE 1588v2 technology can fulfill precision time synchronization requirements for protection and control
applications.
▪
Modbus TCP : This is a Modbus variant used for communications over TCP/IP networks.
▪
IEEE 802.3az Energy-Efficient Ethernet : This is a set of enhancements to the twisted-pair and backplane Ethernet family of networking
standards that will allow for less power consumption during periods of low data activity.The intention was to reduce power consumption by 50% or more.
Optic Fiber
CAT5e
Serial
IDS-5011-WG
IP Camera
IP Camera
Control Cnter
RGS-7244GP
IGPS-9084GP
IGPS-9084GP
PLC
PLC
IP Camera
IP Camera
IAP-120
Product Line
Product Line
Product Line
v1.0a / Feb, 2013
Industrial Ethernet Switch DIN-Rail Managed Gigabit PoE Ethernet Switch
*NOTE: This function is available by request only



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com