Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IGPS-9084GP Datasheet(PDF) 4 Page - ORing Industrial Networking Corp

Part # IGPS-9084GP
Description  Industrial 12-port managed Gigabit PoE Ethernet switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

IGPS-9084GP Datasheet(HTML) 4 Page - ORing Industrial Networking Corp

  IGPS-9084GP Datasheet HTML 1Page - ORing Industrial Networking Corp IGPS-9084GP Datasheet HTML 2Page - ORing Industrial Networking Corp IGPS-9084GP Datasheet HTML 3Page - ORing Industrial Networking Corp IGPS-9084GP Datasheet HTML 4Page - ORing Industrial Networking Corp IGPS-9084GP Datasheet HTML 5Page - ORing Industrial Networking Corp IGPS-9084GP Datasheet HTML 6Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
1-333
1-333
Designed for Rugged Excellence
PoE Pin Definition
10/100Base-T(X) P.S.E. RJ-45 Port
RJ-45 Pin Definition
Pin No.
Description
#1
TD+ with PoE Power input +
#2
TD- with PoE Power input +
#3
RD+ with PoE Power input -
#6
RD- with PoE Power input -
1000Base-T P.S.E. RJ-45 Port
RJ-45 Pin Definition
Pin No.
Description
#1
BI_DA+ with PoE Power input +
#2
BI_DA- with PoE Power input +
#3
BI_DB+ with PoE Power input -
#4
BI_DC+
#5
BI_DC-
#6
BI_DB- with PoE Power input -
#7
BI_DD+
#8
BI_DD-
ORing Switch Model
IGPS-9084GP
Physical Ports
10/100/1000Base-T(X) with P.S.E. Ports in RJ45 Auto
MDI/MDIX
8
100/1000Base-X with SFP port
4
Specifications
Technology
Ethernet Standards
IEEE 802.3 for 10Base-T
IEEE 802.3u for 100Base-TX and 100Base-FX
IEEE 802.3ab for 1000Base-T
IEEE 802.z for 1000Base-X
IEEE 802.3x for Flow control
IEEE 802.3ad for LACP (Link Aggregation Control Protocol )
IEEE 802.1p for COS (Class of Service)
IEEE 802.1Q for VLAN Tagging
IEEE 802.1w for RSTP (Rapid Spanning Tree Protocol)
IEEE 802.1s for MSTP (Multiple Spanning Tree Protocol)
IEEE 802.1x for Authentication
IEEE 802.1AB for LLDP (Link Layer Discovery Protocol)
IEEE 802.3at PoE specification (up to 30 Watts per port for P.S.E.)
MAC Table
8k
Priority Queues
8
Processing
Store-and-Forward
Switch Properties
Switching latency: 7 μs
Switching bandwidth: 28Gbps
Max. Number of Available VLANs : 4095
VLAN ID Range : 1 to 4094
IGMP multicast groups: 256 for each VLAN
Port rate limiting: User Define
v1.0a / Feb, 2013
Industrial Ethernet Switch DIN-Rail Managed Gigabit PoE Ethernet Switch



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com