Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IGPS-9084GP Datasheet(PDF) 5 Page - ORing Industrial Networking Corp

Part # IGPS-9084GP
Description  Industrial 12-port managed Gigabit PoE Ethernet switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

IGPS-9084GP Datasheet(HTML) 5 Page - ORing Industrial Networking Corp

  IGPS-9084GP Datasheet HTML 1Page - ORing Industrial Networking Corp IGPS-9084GP Datasheet HTML 2Page - ORing Industrial Networking Corp IGPS-9084GP Datasheet HTML 3Page - ORing Industrial Networking Corp IGPS-9084GP Datasheet HTML 4Page - ORing Industrial Networking Corp IGPS-9084GP Datasheet HTML 5Page - ORing Industrial Networking Corp IGPS-9084GP Datasheet HTML 6Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
1
www.oring-networking.com
1-334
Jumbo frame
Up to 9.6K Bytes
Security Features
Device Binding security feature
Enable/disable ports, MAC based port security
Port based network access control (802.1x)
VLAN (802.1Q ) to segregate and secure network traffic
Radius centralized password management
SNMPv3 encrypted authentication and access security
Https / SSH enhance network security
Software Features
STP/RSTP/MSTP (IEEE 802.1D/w/s)
Redundant Ring (O-Ring) with recovery time less than 30ms over 250 units
TOS/Diffserv supported
Quality of Service (802.1p) for real-time traffic
VLAN (802.1Q) with VLAN tagging
IGMP Snooping
IP-based bandwidth management
Application-based QoS management
DOS/DDOS auto prevention
Port configuration, status, statistics, monitoring, security
DHCP Server/Client/Relay
SMTP Client
Modbus TCP
Network Redundancy
O-Ring
Open-Ring
O-Chain
MRP*NOTE
MSTP (RSTP/STP compatible)
RS-232 Serial Console Port
RS-232 in RJ45 connector with console cable. 115200bps, 8, N, 1
LED Indicators
Power Indicator
Green : Power LED x 2
R.M. Indicator
Green : Indicates that the system is operating in O-Ring Master mode
Ring Indicator
Green : Indicates that the system operating in O-Ring mode
Green Blinking : Indicates that the Ring is broken.
Fault indicator
Amber : Indicate unexpected event occurred
10/100/1000Base-T(X) RJ45 port indicator
Dual color LED : Green for 1000Mbps Link/Act indicator. Amber for 10/100Mbps Link/Act indicator
100/1000Base-X SFP Port Indicator
Green for port Link/Act.
PoE Indicator
Green : PoE enabled LED x 8
Fault contact
Relay
Relay output to carry capacity of 1A at 24VDC
Power
Redundant Input power
Dual DC inputs. 50~57VDC on 6-pin terminal block
Power Consumption (Typ.)
13.2 Watts
Overload Current Protection
Present
Reverse polarity protection
NOT Present
Physical Characteristics
Enclosure
IP-30
Dimensions (W x D x H)
96.4 (W) x 105.5 (D) x 154 (H) mm (3.8 x 4.15 x 6.06 inches)
Weight (g)
1205 g
Environmental
Storage Temperature
-40 to 85°C (-40 to 185°F )
Operating Temperature
-40 to 75°C (-40 to 167°F )
Operating Humidity
5% to 95% Non-condensing
Regulatory Approvals
EMI
FCC Part 15, CISPR (EN55022) class A
Industrial Ethernet Switch DIN-Rail Managed Gigabit PoE Ethernet Switch
v1.0a / Feb, 2013
*NOTE: This function is available by request only



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com