Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABC300 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # ABC300
Description  ITE Safety Agency Approvals
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC300 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  ABC300 Datasheet HTML 1Page - Bel Fuse Inc. ABC300 Datasheet HTML 2Page - Bel Fuse Inc. ABC300 Datasheet HTML 3Page - Bel Fuse Inc. ABC300 Datasheet HTML 4Page - Bel Fuse Inc. ABC300 Datasheet HTML 5Page - Bel Fuse Inc. ABC300 Datasheet HTML 6Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
ABC300 Series
tech.support@psbel.com
MODEL
CONNECTOR
OUTPUT
VOLTAGE
MAX LOAD
CONVECTION 1,2,3
MAX LOAD
300 LFM 1,2,3
MINIMUM
LOAD
RIPPLE &
NOISE4
TOTAL
REGULATION
ABC300-1T05G
Screw Terminal
5 VDC
28.0 A
40.0 A
0.0 A
2%
± 2.5%
ABC300-1T12G
Screw Terminal
12 VDC
16.67 A
25.0 A
0.0 A
2%
± 2.5%
ABC300-1T15G
Screw Terminal
15 VDC
13.33 A
20.0 A
0.0 A
2%
± 2.5%
ABC300-1T24G
Screw Terminal
24 VDC
7.5 A
13.54 A
0.0 A
2%
± 2.5%
ABC300-1T30G
Screw Terminal
30 VDC
6.0 A
10.83 A
0.0 A
2%
± 2.5%
ABC300-1T48G
Screw Terminal
48 VDC
3.75 A
6.77 A
0.0 A
2%
± 2.5%
Cover-300-XCB5
Metal cover kit accessory
Specifications are for nominal input voltage, 25°C unless otherwise stated.
PARAMETER
DESCRIPTION / CONDITION
SPECIFICATION
Input Voltage
Universal
90-264 VAC / 120-390 VDC
Input Frequency
47 to 63 Hz
Input Current
120 VAC
230 VAC
3.2 A max
1.65 A max
No Load Power
0.8 W
Inrush Current
120 VAC
230 VAC
35 A max
65 A max
Leakage Current
120 VAC
230 VAC
< 150
μA
< 300
μA
Switching Frequency
PFC converter (fixed)
Resonant converter (variable)
80 kHz typical
35 to 250 kHz, 90 kHz typical
1 Peak current rating on main output is 120% of max., lasting < 30 s with a maximum 10% duty cycle.
2 Combined output power of main output, fan supply and standby supply shall not exceed max. power rating.
3 Derate output power linearly to 80% from 90 VAC to 80 VAC input.
4 Ripple is peak to peak with 20 MHz bandwidth and 10 μF (Tantalum capacitor) in parallel with a 0.1 μF capacitor at rated line voltage
and load ranges.
5 When used in Cover Kit, de-rate output power to 70 % under all operating conditions.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com