Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABC300 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # ABC300
Description  ITE Safety Agency Approvals
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC300 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  ABC300 Datasheet HTML 1Page - Bel Fuse Inc. ABC300 Datasheet HTML 2Page - Bel Fuse Inc. ABC300 Datasheet HTML 3Page - Bel Fuse Inc. ABC300 Datasheet HTML 4Page - Bel Fuse Inc. ABC300 Datasheet HTML 5Page - Bel Fuse Inc. ABC300 Datasheet HTML 6Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
The ABC300 Series of open-frame power supplies, with its wide
universal 90-264 VAC input range and high power density, is available
at 300 W of output power and a variety of single output voltages.
The high efficiency and high power density of the ABC family ensures
minimal power loss in end-use equipment, thereby facilitating higher
reliability, easier thermal management and meets regulatory approvals
for environmentally-friendly end products.
These power supplies are ideal for telecom, datacom, industrial
equipment and other applications.
•
5 x 3 x 1.5 inch form factor
•
200 W convection cooled
•
-20 to 50°C full load operation
•
No minimum load required
•
12 V fan & 5 V standby outputs
•
Inhibit & Power Good signals
•
IEC Protection Class Options:
o
Class I: Earth pin J4 (no suffix)
o
Class II: No Earth pin (-2 suffix)
•
Conducted EMI EN 55022-B, FCC Part 15 Level B
•
ITE Safety Agency Approvals
•
RoHS Compliant
•
CE marked
•
Instrumentation
•
Lighting
•
Industrial Applications
•
Applied Computing
•
Renewable Energy
•
Test and Measurement
•
Robotics
•
Wireless Communication


Similar Part No. - ABC300

ManufacturerPart #DatasheetDescription
logo
Power-One
ABC300 POWER-ONE-ABC300 Datasheet
552Kb / 5P
200 W convection cooled, Inhibit and Power Good signals
logo
Bel Fuse Inc.
ABC300 BEL-ABC300 Datasheet
867Kb / 7P
5 x 3 x 1.5 inch form factor
logo
Power-One
ABC300-1T05G POWER-ONE-ABC300-1T05G Datasheet
552Kb / 5P
200 W convection cooled, Inhibit and Power Good signals
logo
Bel Fuse Inc.
ABC300-1T05G BEL-ABC300-1T05G Datasheet
867Kb / 7P
5 x 3 x 1.5 inch form factor
logo
Power-One
ABC300-1T12G POWER-ONE-ABC300-1T12G Datasheet
552Kb / 5P
200 W convection cooled, Inhibit and Power Good signals
More results

Similar Description - ABC300

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
NPT40 EMERSON-NETWORKPOWER-NPT40 Datasheet
435Kb / 4P
Medical and ITE Safety Approvals
logo
FSP TECHNOLOGY INC.
FSP042-1K40M1 FSP-FSP042-1K40M1 Datasheet
142Kb / 1P
Medical and ITE approvals
FSP042-3K13M1 FSP-FSP042-3K13M1 Datasheet
143Kb / 1P
Medical and ITE approvals
FSP042-3K20M1 FSP-FSP042-3K20M1 Datasheet
115Kb / 1P
Medical and ITE approvals
FSP100-1K00M1 FSP-FSP100-1K00M1 Datasheet
153Kb / 1P
Medical and ITE approvals
FSP100-1K70M1 FSP-FSP100-1K70M1 Datasheet
154Kb / 1P
Medical and ITE approvals
logo
Artesyn Technologies
NPS22-M ARTESYN-NPS22-M Datasheet
627Kb / 3P
Medical and ITE safety approvals
logo
Bel Fuse Inc.
ABC450 BEL-ABC450 Datasheet
2Mb / 9P
ITE Safety Agency Approvals
logo
ETA-USA
ZMP250-SX-F-WO ETA-USA-ZMP250-SX-F-WO Datasheet
1Mb / 3P
250W AC/DC ITE & Medical Dual Safety Approvals
ZMP400 ETA-USA-ZMP400 Datasheet
1Mb / 3P
400W AC/DC ITE & Medical Dual Safety Approvals
2014
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com