Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABC300 Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # ABC300
Description  ITE Safety Agency Approvals
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC300 Datasheet(HTML) 4 Page - Bel Fuse Inc.

  ABC300 Datasheet HTML 1Page - Bel Fuse Inc. ABC300 Datasheet HTML 2Page - Bel Fuse Inc. ABC300 Datasheet HTML 3Page - Bel Fuse Inc. ABC300 Datasheet HTML 4Page - Bel Fuse Inc. ABC300 Datasheet HTML 5Page - Bel Fuse Inc. ABC300 Datasheet HTML 6Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
ABC300 Series
tech.support@psbel.com
PARAMETER
DESCRIPTION / CONDITION
SPECIFICATION
Operating Temperature
Refer to de-rating curves (Fig. 1) to determine output power over
the entire operating temperature range.
Start-up is guaranteed
-20 to 70°C
-20 to 0°C
Storage Temperature
-40 to 85° C
Cooling
Convection:
5 V model
12 V, 15 V, 24 V, 30 V & 48 V models
140 W max
200 W max
With 300LFM:
5 V model
12 V and 15 V models
24 V, 30V and 48 V models
200 W max
300 W max
325 W max
Relative Humidity
Non Condensing
95% Rh
Altitude
Operating:
Non-Operating:
10,000 ft.
40,000 ft.
Reliability
MTBF according to Telcordia –SR332-issue 3
1.77 million hours
PARAMETER
DESCRIPTION / CONDITION
SPECIFICATION
Isolation Voltage
Input to Output:
4242 VDC min
Safety Standards
Approved to the latest edition of the following standards:
CSA/UL60950-1, EN60950-1 and IEC60950-1
Agency Approvals
Nemko, Nemko-CCL
CE mark
Complies with LVD Directive
CONNECTOR
PIN
DESCRIPTION / CONDITION
MANUFACTURER / PN
AC Input Connector
J1
Pin 1
Pin 2
AC LINE
AC NEUTRAL
Molex: 26-60-4030
Mating: 09-50-3031; Pins: 08-50-0106
DC Output Connector
J2
Pin 1
Pin 2
RTN
V1
6-32 inches Screw Pan HD
Mating: Designed to accept Ring Tongue Terminal AMP : 8-31886-1,
wherein one 16 AWG (max) wire can be crimped.
Note: One Ring Tongue Terminal with 16 AWG is recommended for
current up to 11 A only.
Use multiple tongue terminals with wire for more current.
Signals & Aux Power10
J3
Pin 1
Pin 2
Pin 3
Pin 4
Pin 5
Pin 6
Pin 7
Pin 8
REMOTE ON/OFF
RTN
VFAN (+12 V/0.5 A)
-VE REMOTE SENSE
VSTBY (+5 V/2 A, +/-5%)
+VE REMOTE SENSE
RTN
POWER GOOD
Molex: 22-23-2081
Mating: 22-01-2087; Pins: 08-50-0113
Earth
J4
Spade Connector
(Class I product only)
Molex: 19705-4301
Mating: 190030001
PARAMETER
DESCRIPTION / CONDITION
Weight
450 g (0.99 lbs)
Dimensions
127.0 x 76.2 x 38.1 mm (5.0 x 3.0 x 1.5 inch)
10 PSU is supplied with J3 housing, pin-1 and pin-2 shorted to enable main output without remote on/off feature.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com