Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABC300 Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # ABC300
Description  ITE Safety Agency Approvals
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC300 Datasheet(HTML) 3 Page - Bel Fuse Inc.

  ABC300 Datasheet HTML 1Page - Bel Fuse Inc. ABC300 Datasheet HTML 2Page - Bel Fuse Inc. ABC300 Datasheet HTML 3Page - Bel Fuse Inc. ABC300 Datasheet HTML 4Page - Bel Fuse Inc. ABC300 Datasheet HTML 5Page - Bel Fuse Inc. ABC300 Datasheet HTML 6Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ABC300 Series
3
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2017 Bel Power Solutions & Protection
BCD.00285_AE
PARAMETER
DESCRIPTION / CONDITION
SPECIFICATION
Output Power6, 7
Derate linearly to 80% from 90 VAC to 80 VAC input.
200 to 325 W
Efficiency
120 VAC
230 VAC
88% typical
92% typical
Hold Up Time
120 / 230 VAC
10 ms
Power Factor
120 VAC
230 VAC
0.98
0.95
Line Regulation
+/-0.5%
Load Regulation
+/-2%
Transient Response
50% to 100% load change, 50 Hz, 50% duty cycle, 0.1 A/
μs,
< 10%, recovery time < 5 ms
Rise Time
< 100 ms
Set Point Tolerance8
± 1%
Voltage Output Adjustment
± 3 %
Over Voltage Protection
Automatic recovery
110 to 150 %
Over Current Protection
110 to 150 %
Short Circuit Protection
Short term, automatic recovery
Over Temperature Protection
Automatic Recovery
110° C primary heat sink
PARAMETER
DESCRIPTION / CONDITION
Power Good9
TTL signal goes high after main output is within regulation band, delay is 0.1 to 0.3 s
Remote On/ Off
To turn on PSU short remote pin to ground
Remote Sense
Compensates for 200 mV cable drop
Conducted Emissions
EN55032-B, CISPR22-B, FCC PART15-B
Pass
Radiated Emissions
EN 55032 A;
with external core (King core K5B RC 25x12x15-M in input cable)
Pass
Level B
Input Current Harmonics
EN 61000-3-2
Class D
Voltage Fluctuation and Flicker
EN 61000-3-3
Pass
ESD Immunity
EN 61000-4-2
Level 3, Criterion A
Radiated Field Immunity
EN 61000-4-3
Level 3, Criterion A
Electrical Fast Transient Immunity
EN 61000-4-4
Level 3, Criterion A
Surge Immunity
EN 61000-4-5
Level 3, Criterion A
Conducted Immunity
EN 61000-4-6
Level 3, Criterion A
Magnetic Field Immunity
EN 61000-4-8
Level 3, Criterion A
Voltage Dips, Interruptions
EN 61000-4-11
Criterion A & B
6 Fan supply output voltage tolerance including set point accuracy, line and load regulation is +/-30% and needs min. 1% load on main
output to be within regulation band. Ripple and noise is less than 10%.
7 The de-rating curves are valid for input voltages of 115VAC to 264 VAC. Below 115 VAC to 90 VAC the convection rating is 180 W max.
8 Standby output voltage tolerance including set point accuracy, line and load regulation is +/-10%. Ripple and noise is less than 5%.
9 Power good signal cannot be used as a current source. Internal pull up resistor from PG signal to 5 V is 10K.
It is recommended to use external transistor if intended to source current.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com