Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVC573D Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74ALVC573D
Description  Octal D-type transparent latch 3-state
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVC573D Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74ALVC573D Datasheet HTML 4Page - NXP Semiconductors 74ALVC573D Datasheet HTML 5Page - NXP Semiconductors 74ALVC573D Datasheet HTML 6Page - NXP Semiconductors 74ALVC573D Datasheet HTML 7Page - NXP Semiconductors 74ALVC573D Datasheet HTML 8Page - NXP Semiconductors 74ALVC573D Datasheet HTML 9Page - NXP Semiconductors 74ALVC573D Datasheet HTML 10Page - NXP Semiconductors 74ALVC573D Datasheet HTML 11Page - NXP Semiconductors 74ALVC573D Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
2003 Jun 25
8
Philips Semiconductors
Product specification
Octal D-type transparent latch; 3-state
74ALVC573
AC CHARACTERISTICS
Note
1. All typical values are measured at Tamb =25 °C.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
WAVEFORMS
VCC (V)
Tamb = −40 to +85 °C; see note 1
tPHL/tPLH
propagation delay Dn to Qn
see Figs 8 and 12
1.65 to 1.95
1.0
2.5
5.4
ns
2.3 to 2.7
1.0
2.0
3.5
ns
2.7
1.0
2.3
3.6
ns
3.0 to 3.6
1.0
2.2
3.3
ns
tPHL/tPLH
propagation delay LE to Qn
see Figs 9 and 12
1.65 to 1.95
1.0
2.8
6.0
ns
2.3 to 2.7
1.0
2.1
3.8
ns
2.7
1.0
2.4
3.7
ns
3.0 to 3.6
1.0
2.3
3.3
ns
tPZH/tPZL
3-state output enable time
OE to Qn
see Figs 10 and 12
1.65 to 1.95
1.5
3.0
6.4
ns
2.3 to 2.7
1.0
2.4
4.5
ns
2.7
1.5
3.0
4.6
ns
3.0 to 3.6
1.0
2.3
4.0
ns
tPHZ/tPLZ
3-state output disable time
OE to Qn
see Figs 10 and 12
1.65 to 1.95
1.5
3.4
7.0
ns
2.3 to 2.7
1.0
2.2
4.4
ns
2.7
1.5
2.8
4.4
ns
3.0 to 3.6
1.0
2.7
4.4
ns
tW
LE pulse with HIGH
see Figs 9 and 12
1.65 to 1.95
3.8
−−
ns
2.3 to 2.7
3.3
−−
ns
2.7
3.3
−−
ns
3.0 to 3.6
3.3
−−
ns
tsu
set-up time Dn to LE
see Figs 11 and 12
1.65 to 1.95
0.8
−−
ns
2.3 to 2.7
0.8
−−
ns
2.7
0.8
−−
ns
3.0 to 3.6
0.8
−−
ns
th
hold time Dn to LE
see Figs 11 and 12
1.65 to 1.95
0.8
−−
ns
2.3 to 2.7
0.8
−−
ns
2.7
0.8
−−
ns
3.0 to 3.6
0.7
−−
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com