Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVC573D Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74ALVC573D
Description  Octal D-type transparent latch 3-state
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVC573D Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74ALVC573D Datasheet HTML 5Page - NXP Semiconductors 74ALVC573D Datasheet HTML 6Page - NXP Semiconductors 74ALVC573D Datasheet HTML 7Page - NXP Semiconductors 74ALVC573D Datasheet HTML 8Page - NXP Semiconductors 74ALVC573D Datasheet HTML 9Page - NXP Semiconductors 74ALVC573D Datasheet HTML 10Page - NXP Semiconductors 74ALVC573D Datasheet HTML 11Page - NXP Semiconductors 74ALVC573D Datasheet HTML 12Page - NXP Semiconductors 74ALVC573D Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
2003 Jun 25
9
Philips Semiconductors
Product specification
Octal D-type transparent latch; 3-state
74ALVC573
AC WAVEFORMS
handbook, halfpage
MNA811
Dn input
Qn output
tPHL
tPLH
GND
VI
VM
VM
VOH
VOL
Fig.8 Input Dn to output Qn propagation delay times.
VCC
INPUT
VM
VI
tr =tf
1.65 to 1.95 V
VCC
≤ 2.0 ns 0.5 × VCC
2.3 to 2.7 V
VCC
≤ 2.0 ns 0.5 × VCC
2.7 V
2.7 V
≤ 2.5 ns
1.5 V
3.0 to 3.6 V
2.7 V
≤ 2.5 ns
1.5 V
handbook, full pagewidth
MNA812
LE input
Qn output
tPHL
tPLH
tW
1/fmax
VM
VOH
VI
GND
VOL
VM
Fig.9 Latch Enable (LE) input pulse width and latch enable input to output (Qn) propagation delays.
VCC
VM
INPUT
VI
tr =tf
1.65 to 1.95 V
0.5
× VCC
VCC
≤ 2.0 ns
2.3 to 2.7 V
0.5
× V
CC
VCC
≤ 2.0 ns
2.7 V
1.5 V
2.7 V
≤ 2.5 ns
3.0 to 3.6 V
1.5 V
2.7 V
≤ 2.5 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com