Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVC573D Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 74ALVC573D
Description  Octal D-type transparent latch 3-state
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVC573D Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74ALVC573D Datasheet HTML 7Page - NXP Semiconductors 74ALVC573D Datasheet HTML 8Page - NXP Semiconductors 74ALVC573D Datasheet HTML 9Page - NXP Semiconductors 74ALVC573D Datasheet HTML 10Page - NXP Semiconductors 74ALVC573D Datasheet HTML 11Page - NXP Semiconductors 74ALVC573D Datasheet HTML 12Page - NXP Semiconductors 74ALVC573D Datasheet HTML 13Page - NXP Semiconductors 74ALVC573D Datasheet HTML 14Page - NXP Semiconductors 74ALVC573D Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
2003 Jun 25
11
Philips Semiconductors
Product specification
Octal D-type transparent latch; 3-state
74ALVC573
handbook, full pagewidth
MNA814
th
tsu
th
tsu
VM
VM
VI
GND
VI
GND
LE input
Dn input
Fig.11 Data set-up and hold times for Dn input to LE input.
The shaded areas indicate when the input is permitted to change for predictable output performance.
VCC
VM
INPUT
VI
tr =tf
1.65 to 1.95 V
0.5
× VCC VCC
≤ 2.0 ns
2.3 to 2.7 V
0.5
× V
CC
VCC
≤ 2.0 ns
2.7 V
1.5 V
2.7 V
≤ 2.5 ns
3.0 to 3.6 V
1.5 V
2.7 V
≤ 2.5 ns
handbook, full pagewidth
VEXT
VCC
VI
VO
MNA616
D.U.T.
CL
RT
RL
RL
PULSE
GENERATOR
Fig.12 Load circuitry for switching times.
Definitions for test circuit:
RL = Load resistor.
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance should be equal to the output impedance Zo of the pulse generator.
VCC
VI
CL
RL
VEXT
tPLH/tPHL
tPZH/tPHZ
tPZL/tPLZ
1.65 to 1.95 V
VCC
30 pF
1 k
Ω
open
GND
2
× VCC
2.3 to 2.7 V
VCC
30 pF
500
Ω
open
GND
2
× VCC
2.7 V
2.7 V
50 pF
500
Ω
open
GND
6 V
3.0 to 3.6 V
2.7 V
50 pF
500
Ω
open
GND
6 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com