Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVC573D Datasheet(PDF) 14 Page - NXP Semiconductors

Part # 74ALVC573D
Description  Octal D-type transparent latch 3-state
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVC573D Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button 74ALVC573D Datasheet HTML 10Page - NXP Semiconductors 74ALVC573D Datasheet HTML 11Page - NXP Semiconductors 74ALVC573D Datasheet HTML 12Page - NXP Semiconductors 74ALVC573D Datasheet HTML 13Page - NXP Semiconductors 74ALVC573D Datasheet HTML 14Page - NXP Semiconductors 74ALVC573D Datasheet HTML 15Page - NXP Semiconductors 74ALVC573D Datasheet HTML 16Page - NXP Semiconductors 74ALVC573D Datasheet HTML 17Page - NXP Semiconductors 74ALVC573D Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
2003 Jun 25
14
Philips Semiconductors
Product specification
Octal D-type transparent latch; 3-state
74ALVC573
terminal 1
index area
0.5
1
A1
Eh
b
UNIT
y
e
0.2
c
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
4.6
4.4
Dh
3.15
2.85
y1
2.6
2.4
1.15
0.85
e1
3.5
0.30
0.18
0.05
0.00
0.05
0.1
DIMENSIONS (mm are the original dimensions)
SOT764-1
MO-241
- - -
- - -
0.5
0.3
L
0.1
v
0.05
w
0
2.5
5 mm
scale
SOT764-1
DHVQFN20: plastic dual in-line compatible thermal enhanced very thin quad flat package; no leads;
20 terminals; body 2.5 x 4.5 x 0.85 mm
A(1)
max.
A
A1
c
detail X
y
y1 C
e
L
Eh
Dh
e
e1
b
29
19
12
11
10
1
20
X
D
E
C
B
A
terminal 1
index area
A
C
C
B
v M
w M
E(1)
Note
1. Plastic or metal protrusions of 0.075 mm maximum per side are not included.
D(1)
02-10-17
03-01-27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com