Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NM93CS06 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NM93CS06
Description  (MICROWIRETM Bus Interface) 256-/1024-/2048-/4096-Bit Serial EEPROM with Data Protect and Sequential Read
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NM93CS06 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  NM93CS06 Datasheet HTML 1Page - National Semiconductor (TI) NM93CS06 Datasheet HTML 2Page - National Semiconductor (TI) NM93CS06 Datasheet HTML 3Page - National Semiconductor (TI) NM93CS06 Datasheet HTML 4Page - National Semiconductor (TI) NM93CS06 Datasheet HTML 5Page - National Semiconductor (TI) NM93CS06 Datasheet HTML 6Page - National Semiconductor (TI) NM93CS06 Datasheet HTML 7Page - National Semiconductor (TI) NM93CS06 Datasheet HTML 8Page - National Semiconductor (TI) NM93CS06 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Ambient Storage Temperature
b
65 Cto a150 C
All Input or Output Voltages
a
65V to b03V
with Respect to Ground
Lead Temperature (Soldering 10 sec)
a
300 C
ESD rating
2000V
Operating Conditions
Ambient Operating Temperature
NM93CSxx
0 Cto a70 C
NM93CSxxE
b
40 Cto a85 C
NM93CSxxM
b
55 Cto a125 C
Power Supply (VCC)
45V to 55V
DC and AC Electrical Characteristics VCC e 45V to 55V unless otherwise specified
Throughout this table ‘‘M’’ refers to temperature range (b55 Cto a125 C) not package
Symbol
Parameter
Part Number
Conditions
Min
Max
Units
ICCA
Operating Current
NM93CS06 – NM93CS66
CS e VIH SK e 10 MHz
1
NM93CS06E – NM93CS66E
SK e 10 MHz
1
mA
NM93CS06M – NM93CS66M
SK e 05 MHz
1
ICCS
Standby Current
NM93CS06 – NM93CS66
CS e VIL
50
NM93CS06E – NM93CS06E
50
m
A
NM93CS06M – NM93CS06M
100
IIL
Input Leakage
VIN e 0V to VCC
g b
1
m
A
IOL
Output Leakage
(Note 4)
VIL
Input Low Voltage
b
01
08
V
VIH
Input High Voltage
2
VCC a 1
VOL1
Output Low Voltage
IOL e 21 mA
04
V
VOH1
Output High Voltage
IOH eb400 mA
24
VOL2
Output Low Voltage
IOL e 10 mA
02
V
VOH2
Output High Voltage
IOH eb10 mAVCC b 02
fSK
SK Clock Frequency
NM93CS06 – NM93CS66
(Note 5)
0
1
NM93CS06E – NM93CS66E
0
1
MHz
NM93CS06M – NM93CS66M
0
05
tSKH
SK High Time
NM93CS06 – NM93CS66
250
NM93CS06E – NM93CS66E
300
ns
NM93CS06M – NM93CS66M
500
tSKL
SK Low Time
250
ns
tSKS
SK Setup Time
SK Must Be at VIL
50
for tSKS before CS
50
ns
goes high
100
tCS
Minimum CS
NM93CS06 – NM93CS66
(Note 2)
250
Low Time
NM93CS06E – NM93CS66E
250
ns
NM93CS06M – NM93CS66M
500
tCSS
CS Setup Time
100
ns
tPRES
PRE Setup Time
NM93CS06-NM93CS66
50
NM93CS06E-NM93CS66E
50
ns
NM93CS06M – NM93CS66M
100
tDH
DO Hold Time
70
ns
tPES
PE Setup Time
NM93CS06 – NM93CS66
50
NM93CS06E – NM93CS66E
50
ns
NM93CS06M – NM93CS66M
100
tDIS
DI Setup Time
NM93CS06 – NM93CS66
100
NM93CS06E – NM93CS66E
100
ns
NM93CS06M – NM93CS66M
200
tCSH
CS Hold Time
0ns
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com