Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NM93CS06 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NM93CS06
Description  (MICROWIRETM Bus Interface) 256-/1024-/2048-/4096-Bit Serial EEPROM with Data Protect and Sequential Read
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NM93CS06 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button NM93CS06 Datasheet HTML 2Page - National Semiconductor (TI) NM93CS06 Datasheet HTML 3Page - National Semiconductor (TI) NM93CS06 Datasheet HTML 4Page - National Semiconductor (TI) NM93CS06 Datasheet HTML 5Page - National Semiconductor (TI) NM93CS06 Datasheet HTML 6Page - National Semiconductor (TI) NM93CS06 Datasheet HTML 7Page - National Semiconductor (TI) NM93CS06 Datasheet HTML 8Page - National Semiconductor (TI) NM93CS06 Datasheet HTML 9Page - National Semiconductor (TI) NM93CS06 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Instruction Set for the NM93CS06 and NM93CS46
Instruction
SB
Op Code
Address
Data
PRE
PE
Comments
READ
1
10
A5 – A0
0
X
Reads data stored in memory starting at specified address
WEN
1
00
11XXXX
0
1
Enable all programming modes
WRITE
1
01
A5 – A0
D15 – D0
0
1
Writes address if unprotected
WRALL
1
00
01XXXX
D15 – D0
0
1
Writes all registers Valid only when Protect Register is
cleared
WDS
1
00
00XXXX
0
X
Disables all programming modes
PRREAD
1
10
XXXXXX
1
X
Reads address stored in Protect Register
PREN
1
00
11XXXX
1
1
Must immediately precede PRCLEAR PRWRITE and
PRDS instructions
PRCLEAR
1
11
111111
1
1
Clears the Protect Register so that no registers are
protected from WRITE
PRWRITE
1
01
A5 – A0
1
1
Programs address into Protect Register Thereafter
memory addresses t the address in Protect Register are
protected from WRITE
PRDS
1
00
000000
1
1
ONE TIME ONLY instruction after which the address in the
Protect Register cannot be altered
Note
Address bits A5 and A4 become ‘‘Don’t Care’’ for the NM93CS06
Instruction Set for the NM93CS56 and NM93CS66
Instruction
SB
Op Code
Address
Data
PRE
PE
Comments
READ
1
10
A7 – A0
0
X
Reads data stored in memory starting at specified address
WEN
1
00
11XXXXXX
0
1
Enable all programming modes
WRITE
1
01
A7 – A0
D15 – D0
0
1
Writes address if unprotected
WRALL
1
00
01XXXXXX
D15 – D0
0
1
Writes all registers Valid only when Protect Register is
cleared
WDS
1
00
00XXXXXX
0
X
Disables all programming modes
PRREAD
1
10
XXXXXXXX
1
X
Reads address stored in Protect Register
PREN
1
00
11XXXXXX
1
1
Must immediately precede PRCLEAR PRWRITE and
PRDS instructions
PRCLEAR
1
11
11111111
1
1
Clears the ‘‘protect register’’ so that no registers are
protected from WRITE
PRWRITE
1
01
A7 – A0
1
1
Programs address into Protect Register Thereafter
memory addresses t the address in Protect Register are
protected from WRITE
PRDS
1
00
00000000
1
1
ONE TIME ONLY instruction after which the address in the
Protect Register cannot be altered
Note
Address bit A7 becomes ‘‘Don’t Care’’ for the NM93CS56
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com