Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NM93CS06 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NM93CS06
Description  (MICROWIRETM Bus Interface) 256-/1024-/2048-/4096-Bit Serial EEPROM with Data Protect and Sequential Read
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NM93CS06 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  NM93CS06 Datasheet HTML 1Page - National Semiconductor (TI) NM93CS06 Datasheet HTML 2Page - National Semiconductor (TI) NM93CS06 Datasheet HTML 3Page - National Semiconductor (TI) NM93CS06 Datasheet HTML 4Page - National Semiconductor (TI) NM93CS06 Datasheet HTML 5Page - National Semiconductor (TI) NM93CS06 Datasheet HTML 6Page - National Semiconductor (TI) NM93CS06 Datasheet HTML 7Page - National Semiconductor (TI) NM93CS06 Datasheet HTML 8Page - National Semiconductor (TI) NM93CS06 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Functional Description
The NM93CSxx EEPROM Family has 10 instructions as de-
scribed below All Data-In signals are clocked into the de-
vice on the low-to-high SK transition
Read and Sequential Register Read (READ)
The READ instruction outputs serial data on the D0 pin
After a READ instruction is received the instruction and ad-
dress are decoded followed by data transfer from the se-
lected memory register into a 16-bit serial-out shift register
A dummy bit (logical 0) precedes the 16-bit data output
string Output data changes are initiated by a low to high
transition of the SK clock In the sequential register read
mode of operation the memory automatically cycles to the
next register after each 16 data bits are clocked out The
dummy-bit is suppressed in this mode and a continuous
string of data is obtained
Write Enable (WEN)
When VCC is applied to the part it ‘‘powers up’’ in the Write
Disable (WDS) state Therefore all programming modes
must be preceded by a Write Enable (WEN) instruction
Once a Write Enable instruction is executed programming
remains enabled until a Write Disable (WDS) instruction is
executed or VCC is completely removed from the part
Write (WRITE)
The WRITE instruction is followed by 16 bits of data to be
written into the specified address After the last bit of data is
put on the data-in (DI) pin CS must be brought low before
the next rising edge of the SK clock This falling edge of the
CS initiates the self-timed programming cycle The PE pin
MUST
be held high while loading the WRITE instruction
however after loading the WRITE instruction the PE pin be-
comes a ‘‘don’t care’’ The D0 pin indicates the READY
BUSY status of the chip if CS is brought high after the tCS
interval D0 e logical 0 indicates that programming is still in
progress D0 e logical 1 indicates that the register at the
address specified in the instruction has been written with
the data pattern specified in the instruction and the part is
ready for another instruction
Write All (WRALL)
The WRALL instruction is valid only when the Protect Regis-
ter has been cleared by executing a PRCLEAR instruction
The WRALL instruction will simultaneously program all reg-
isters with the data pattern specified in the instruction Like
the WRITE instruction the PE pin MUST be held high while
loading the WRALL instruction however after loading the
instruction the PE pin becomes a ‘‘don’t care’’ As in the
WRITE mode the DO pin indicates the READYBUSY
status of the chip if CS is brought high after the tCS interval
This function is DISABLED if the Protect Register is in use
to lock out a section of memory
Write Disable (WDS)
To protect against accidental data disturb the Write Disable
(WDS) instruction disables all programming modes and
should follow all programming operations Execution of a
READ instruction is independent of both the WEN and WDS
instructions
Note
For all Protect Register Operations If the PRE pin is
not held at VIH all instructions will be applied to the
EEPROM array rather than the Protect Register
Protect Register Read (PRREAD)
The PRREAD instruction outputs the address stored in the
Protect Register on the DO pin The PRE pin MUST be held
high while loading the instruction sequence Following the
PRREAD instruction the 6- or 8-bit address stored in the
memory protect register is transferred to the serial out shift
register As in the READ mode a dummy bit (logical 0) pre-
cedes the 6- or 8-bit address string
Protect Register Enable (PREN)
The PREN instruction is used to enable the PRCLEAR
PRWRITE and PRDS modes Before the PREN mode can
be entered the part must be in the Write Enable (WEN)
mode Both the PRE and PE pins MUST be held high while
loading the instruction sequence
Note that a PREN instruction must immediately precede a
PRCLEAR PRWRITE or PRDS instruction
Protect Register Clear (PRCLEAR)
The PRCLEAR instruction clears the address stored in the
Protect Register and therefore enables all registers for the
WRITE and WRALL instruction The PRE and PE pins must
be held high while loading the instruction sequence howev-
er after loading the PRCLEAR instruction the PRE and PE
pins become ‘‘don’t care’’ Note that a PREN instruction
must immediately precede a PRCLEAR instruction
Please note that the PRCLEAR instruction and the
PRWRITE instruction will both program the Protect Register
with all 1s However the PRCLEAR instruction will allow the
LAST register to be programmed whereas the PRWRITE
instruction e all 1s will PREVENT the last register from
being programmed In addition the PRCLEAR instruction
will allow the use of the WRALL command where the
PRWRITE e all 1s will lock out the Bulk programming op-
code
Protect Register Write (PRWRITE)
The PRWRITE instruction is used to write into the Protect
Register the address of the first register to be protected
After the PRWRITE instruction is executed all memory reg-
isters whose addresses are greater than or equal to the
address specified in the Protect Register are protected from
the WRITE operation
Note that before executing a
PRWRITE instruction the Protect Register must first be
cleared by executing a PRCLEAR operation and that the
PRE and PE pins must be held high while loading the in-
struction however after loading the PRWRITE instruction
the PRE and PE pins become ‘don’t care’ Note that a
PREN instruction must immediately precede a PRWRITE
instruction
Protect Register Disable (PRDS)
The PRDS instruction is a ONE TIME ONLY instruction
which renders the Protect Register unalterable in the future
Therefore the specified registers become PERMANENTLY
protected against data changes As in the PRWRITE in-
struction the PRE and PE pins must be held high while
loading the instruction and after loading the PRDS instruc-
tion the PRE and PE pins become ‘‘don’t care’’
Note that a PREN instruction must immediately precede a
PRDS instruction
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com