Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NM93CS06 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NM93CS06
Description  (MICROWIRETM Bus Interface) 256-/1024-/2048-/4096-Bit Serial EEPROM with Data Protect and Sequential Read
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NM93CS06 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  NM93CS06 Datasheet HTML 1Page - National Semiconductor (TI) NM93CS06 Datasheet HTML 2Page - National Semiconductor (TI) NM93CS06 Datasheet HTML 3Page - National Semiconductor (TI) NM93CS06 Datasheet HTML 4Page - National Semiconductor (TI) NM93CS06 Datasheet HTML 5Page - National Semiconductor (TI) NM93CS06 Datasheet HTML 6Page - National Semiconductor (TI) NM93CS06 Datasheet HTML 7Page - National Semiconductor (TI) NM93CS06 Datasheet HTML 8Page - National Semiconductor (TI) NM93CS06 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TLD10750
August 1994
NM93CS06CS46CS56CS66
(MICROWIRE
TM Bus Interface) 256-1024-2048-4096-Bit
Serial EEPROM with Data Protect and Sequential Read
General Description
The
NM93CS06CS46CS56CS66
devices
are
256
102420484096 bits respectively of CMOS non-volatile
electrically erasable memory divided into 1664128
256 16-bit registers Selected registers can be protected
against data modification by programming the Protect Reg-
ister with the address of the first register to be protected
against data modification (all registers greater than or equal
to the selected address are then protected from further
change) Additionally this address can be ‘‘locked’’ into the
device making all future attempts to change data impossi-
ble These devices are fabricated using National Semicon-
ductor floating-gate CMOS process for high reliability high
endurance and low power consumption The NM93CSXX
Family is offered in an SO package for small space consid-
erations
The EEPROM interfacing is MICROWIRE compatible pro-
viding simple interfacing to standard microcontrollers and
microprocessors There are a total of 10 instructions 5
which operate on the EEPROM memory and 5 which oper-
ate on the Protect Register The memory instructions are
READ WRITE WRITE ALL WRITE ENABLE and WRITE
DISABLE The Protect register instructions are PRREAD
PRWRITE PRENABLE PRCLEAR and PRDISABLE
Features
Y
Write protection in a user defined section of memory
Y
Sequential register read
Y
Typical active current of 400 mA and standby current of
25 mA
Y
No erase required before write
Y
Reliable CMOS floating gate technology
Y
MICROWIRE compatible serial IO
Y
Self timed write cycle
Y
Device status during programming mode
Y
40 year data retention
Y
Endurance 106 data changes
Y
45V to 55V operation in all modes of operation
Y
Packages available 8-pin SO 8-pin DIP
Block Diagram
TLD10750 – 1
TRI-STATE
is a registered trademark of National Semiconductor Corporation
MICROWIRETM is a trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M75Printed in U S A


Similar Part No. - NM93CS06

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM93CS06 FAIRCHILD-NM93CS06 Datasheet
164Kb / 16P
(MICROWIRE??Bus Interface) 256-Bit Serial EEPROM with Data Protect and Sequential Read
NM93CS06EM8 FAIRCHILD-NM93CS06EM8 Datasheet
107Kb / 13P
256-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
NM93CS06EMT8 FAIRCHILD-NM93CS06EMT8 Datasheet
107Kb / 13P
256-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
NM93CS06EN FAIRCHILD-NM93CS06EN Datasheet
107Kb / 13P
256-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
logo
National Semiconductor ...
NM93CS06L NSC-NM93CS06L Datasheet
185Kb / 14P
256-/1024-/2048-/4096-Bit Serial EEPROM with Extended Voltage (2.7V to 5.5V) and Data Protect (MICROWIRE-TM Bus Interface)
More results

Similar Description - NM93CS06

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM93CS06 FAIRCHILD-FM93CS06 Datasheet
172Kb / 16P
(MICROWIRE??Bus Interface) 256-Bit Serial EEPROM with Data Protect and Sequential Read
FM93CS46 FAIRCHILD-FM93CS46 Datasheet
172Kb / 16P
(MICROWIRE??Bus Interface) 1024-Bit Serial EEPROM with Data Protect and Sequential Read
FM93CS56 FAIRCHILD-FM93CS56 Datasheet
171Kb / 16P
(MICROWIRE??Bus Interface) 2048-Bit Serial EEPROM with Data Protect and Sequential Read
FM93CS66 FAIRCHILD-FM93CS66 Datasheet
171Kb / 16P
(MICROWIRE??Bus Interface) 4096-Bit Serial EEPROM with Data Protect and Sequential Read
NM93CS06 FAIRCHILD-NM93CS06 Datasheet
164Kb / 16P
(MICROWIRE??Bus Interface) 256-Bit Serial EEPROM with Data Protect and Sequential Read
NM93CS46 FAIRCHILD-NM93CS46 Datasheet
163Kb / 16P
(MICROWIRE??Bus Interface) 1024-Bit Serial EEPROM with Data Protect and Sequential Read
NM93CS56 FAIRCHILD-NM93CS56 Datasheet
163Kb / 16P
(MICROWIRE??Bus Interface) 2048-Bit Serial EEPROM with Data Protect and Sequential Read
NM93CS66 FAIRCHILD-NM93CS66 Datasheet
163Kb / 16P
(MICROWIRE??Bus Interface) 4096-Bit Serial EEPROM with Data Protect and Sequential Read
logo
National Semiconductor ...
NM93C06L NSC-NM93C06L Datasheet
181Kb / 12P
256-/1024-/2048-/4096-Bit Serial EEPROM with Extended Voltage (2.7V to 5.5V) (MICROWIRE Bus Interface)
NM93CS06L NSC-NM93CS06L Datasheet
185Kb / 14P
256-/1024-/2048-/4096-Bit Serial EEPROM with Extended Voltage (2.7V to 5.5V) and Data Protect (MICROWIRE-TM Bus Interface)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com