Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT49BV802AT Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT49BV802AT
Description  8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49BV802AT Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT49BV802AT Datasheet HTML 6Page - ATMEL Corporation AT49BV802AT Datasheet HTML 7Page - ATMEL Corporation AT49BV802AT Datasheet HTML 8Page - ATMEL Corporation AT49BV802AT Datasheet HTML 9Page - ATMEL Corporation AT49BV802AT Datasheet HTML 10Page - ATMEL Corporation AT49BV802AT Datasheet HTML 11Page - ATMEL Corporation AT49BV802AT Datasheet HTML 12Page - ATMEL Corporation AT49BV802AT Datasheet HTML 13Page - ATMEL Corporation AT49BV802AT Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
10
AT49BV802A(T)
3405C–FLASH–9/04
Notes:
1. I/O5 switches to a “1” when a program or an erase operation has exceeded the maximum time limits or when a program or
sector erase operation is performed on a protected sector.
Status Bit Table
Status Bit
I/O7
I/O7
I/O6
I/O5
(1)
I/O2
RDY/BUSY
Configuration Register
00
01
00/01
00/01
00/01
00/01
Programming
I/O7
0
TOGGLE
0
1
0
Erasing
0
0
TOGGLE
0
TOGGLE
0
Erase Suspended & Read
Erasing Sector
1
110
TOGGLE
1
Erase Suspended & Read
Non-erasing Sector
DATA
DATA
DATA
DATA
DATA
1
Erase Suspended & Program
Non-erasing Sector
I/O7
0
TOGGLE
0
TOGGLE
0
Erase Suspended & Program
Suspended and Reading from
Non-suspended Sectors
DATA
DATA
DATA
DATA
DATA
1
Program Suspended & Read
Programming Sector
I/O7
1
1
0
TOGGLE
1
Program Suspended & Read
Non-programming Sector
DATA
DATA
DATA
DATA
DATA
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com