Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT49BV802AT Datasheet(PDF) 16 Page - ATMEL Corporation

Part # AT49BV802AT
Description  8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49BV802AT Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button AT49BV802AT Datasheet HTML 12Page - ATMEL Corporation AT49BV802AT Datasheet HTML 13Page - ATMEL Corporation AT49BV802AT Datasheet HTML 14Page - ATMEL Corporation AT49BV802AT Datasheet HTML 15Page - ATMEL Corporation AT49BV802AT Datasheet HTML 16Page - ATMEL Corporation AT49BV802AT Datasheet HTML 17Page - ATMEL Corporation AT49BV802AT Datasheet HTML 18Page - ATMEL Corporation AT49BV802AT Datasheet HTML 19Page - ATMEL Corporation AT49BV802AT Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
16
AT49BV802A(T)
3405C–FLASH–9/04
Note:
1. In the erase mode, I
CC is 45 mA.
DC Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
I
LI
Input Load Current
V
IN = 0V to VCC
2µA
ILO
Output Leakage Current
VI/O = 0V to VCC
10
µA
I
SB
V
CC Standby Current CMOS
CE = V
CC - 0.3V to VCC
13
25
µA
I
CC
(1)
V
CC Active Read Current
f = 5 MHz; I
OUT = 0 mA
12
25
mA
ICC1
VCC Programming Current
40
mA
V
IL
Input Low Voltage
0.6
V
V
IH
Input High Voltage
2.0
V
VOL1
Output Low Voltage
IOL = 2.1 mA
0.45
V
V
OL2
Output Low Voltage
I
OL = 1.0 mA
0.20
V
V
OH1
Output High Voltage
I
OH = -400 µA
2.4
V
VOH2
Output High Voltage
IOH = -100 µA
2.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com