Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT49BV802AT Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT49BV802AT
Description  8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49BV802AT Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT49BV802AT Datasheet HTML 9Page - ATMEL Corporation AT49BV802AT Datasheet HTML 10Page - ATMEL Corporation AT49BV802AT Datasheet HTML 11Page - ATMEL Corporation AT49BV802AT Datasheet HTML 12Page - ATMEL Corporation AT49BV802AT Datasheet HTML 13Page - ATMEL Corporation AT49BV802AT Datasheet HTML 14Page - ATMEL Corporation AT49BV802AT Datasheet HTML 15Page - ATMEL Corporation AT49BV802AT Datasheet HTML 16Page - ATMEL Corporation AT49BV802AT Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
13
AT49BV802A(T)
3405C–FLASH–9/04
AT49BV802A – Sector Address Table
Sector
Size (Bytes/Words)
x8
Address Range (A18 - A-1)
x16
Address Range (A18 - A0)
SA0
8K/4K
000000 - 001FFF
00000 - 00FFF
SA1
8K/4K
002000 - 003FFF
01000 - 01FFF
SA2
8K/4K
004000 - 005FFF
02000 - 02FFF
SA3
8K/4K
006000 - 007FFF
03000 - 03FFF
SA4
8K/4K
008000 - 009FFF
04000 - 04FFF
SA5
8K/4K
00A000 - 00BFFF
05000 - 05FFF
SA6
8K/4K
00C000 - 00DFFF
06000 - 06FFF
SA7
8K/4K
00E000 - 00FFFF
07000 - 07FFF
SA8
64K/32K
010000 - 01FFFF
08000 - 0FFFF
SA9
64K/32K
020000 - 02FFFF
10000 - 17FFF
SA10
64K/32K
030000 - 03FFFF
18000 - 1FFFF
SA11
64K/32K
040000 - 04FFFF
20000 - 27FFF
SA12
64K/32K
050000 - 05FFFF
28000 - 2FFFF
SA13
64K/32K
060000 - 06FFFF
30000 - 37FFF
SA14
64K/32K
070000 - 07FFFF
38000 - 3FFFF
SA15
64K/32K
080000 - 08FFFF
40000 - 47FFF
SA16
64K/32K
090000 - 09FFFF
48000 - 4FFFF
SA17
64K/32K
0A0000 - 0AFFFF
50000 - 57FFF
SA18
64K/32K
0B0000 - 0BFFFF
58000 - 5FFFF
SA19
64K/32K
0C0000 - 0CFFFF
60000 - 67FFF
SA20
64K/32K
0D0000 - 0DFFFF
68000 - 6FFFF
SA21
64K/32K
0E0000 - 0EFFFF
70000 - 77FFF
SA22
64K/32K
0F0000 - 0FFFFF
78000 - 7FFFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com