Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT49BV802AT Datasheet(PDF) 22 Page - ATMEL Corporation

Part # AT49BV802AT
Description  8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49BV802AT Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button AT49BV802AT Datasheet HTML 18Page - ATMEL Corporation AT49BV802AT Datasheet HTML 19Page - ATMEL Corporation AT49BV802AT Datasheet HTML 20Page - ATMEL Corporation AT49BV802AT Datasheet HTML 21Page - ATMEL Corporation AT49BV802AT Datasheet HTML 22Page - ATMEL Corporation AT49BV802AT Datasheet HTML 23Page - ATMEL Corporation AT49BV802AT Datasheet HTML 24Page - ATMEL Corporation AT49BV802AT Datasheet HTML 25Page - ATMEL Corporation AT49BV802AT Datasheet HTML 26Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
22
AT49BV802A(T)
3405C–FLASH–9/04
Software Product Identification Entry
(1)
Software Product Identification Exit
(1)(6)
Notes:
1.
Data Format: I/O15 - I/O8 (Don’t Care); I/O7 - I/O0 (Hex)
Address Format: A11 - A0 (Hex), A-1, and A11 - A18 (Don’t
Care).
2. A1 - A18 = V
IL. Manufacturer Code is read for A0 = VIL;
Device Code is read for A0 = VIH.
3.
The device does not remain in identification mode if powered
down.
4.
The device returns to standard operation mode.
5.
Manufacturer Code: 1FH(x8); 001FH(x16)
Device Code:
00C1H - AT49BV802A;
00C3H - AT49BV802AT.
6.
Either one of the Product ID Exit commands can be used.
LOAD DATA AA
TO
ADDRESS 555
LOAD DATA 55
TO
ADDRESS AAA
LOAD DATA 90
TO
ADDRESS 555
ENTER PRODUCT
IDENTIFICATION
MODE(2)(3)(5)
LOAD DATA AA
TO
ADDRESS 555
LOAD DATA 55
TO
ADDRESS AAA
LOAD DATA F0
TO
ADDRESS 555
EXIT PRODUCT
IDENTIFICATION
MODE(4)
OR
LOAD DATA F0
TO
ANY ADDRESS
EXIT PRODUCT
IDENTIFICATION
MODE(4)
Sector Lockdown Enable Algorithm
(1)
Notes:
1.
Data Format: I/O15 - I/O8 (Don’t Care); I/O7 - I/O0 (Hex)
Address Format: A11 - A0 (Hex), A-1, and A11 - A18
(Don’t Care).
2.
Sector Lockdown feature enabled.
LOAD DATA AA
TO
ADDRESS 555
LOAD DATA 55
TO
ADDRESS AAA
LOAD DATA 80
TO
ADDRESS 555
LOAD DATA AA
TO
ADDRESS 555
LOAD DATA 55
TO
ADDRESS AAA
LOAD DATA 60
TO
SECTOR ADDRESS
PAUSE 200
µs(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com