Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Q62702-R323 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # Q62702-R323
Description  Microwave Motion Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

Q62702-R323 Datasheet(HTML) 4 Page - Infineon Technologies AG

  Q62702-R323 Datasheet HTML 1Page - Infineon Technologies AG Q62702-R323 Datasheet HTML 2Page - Infineon Technologies AG Q62702-R323 Datasheet HTML 3Page - Infineon Technologies AG Q62702-R323 Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
KMY 24
Data Sheet
4
1999-04-01
Typical Radiation Pattern
The diagram shows the typical radiation pattern in the x-z- and y-z-planes. The
z-direction is perpendicular to the patch antenna, x shows the longer and y the shorter
side of the rectangular antenna.
Package Outline
EHA07263
90
60
30
0
0dB
dB
-10
-20 dB
Sorts of Packing
Package outlines for tubes, trays etc. are contained in our
Data Book “Package Information”.
Dimensions in mm
EHA07466
Marking
3
0.8
2.5
15.2
38
5
5.5
Special Package



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com