Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Q62702-R323 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # Q62702-R323
Description  Microwave Motion Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

Q62702-R323 Datasheet(HTML) 3 Page - Infineon Technologies AG

  Q62702-R323 Datasheet HTML 1Page - Infineon Technologies AG Q62702-R323 Datasheet HTML 2Page - Infineon Technologies AG Q62702-R323 Datasheet HTML 3Page - Infineon Technologies AG Q62702-R323 Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
KMY 24
Data Sheet
3
1999-04-01
Output Signal
The phase difference between
V
D2 and VD1 is positive, if the target is receding from the
detector.
The phase difference between
V
D2 and VD1 is negative, if the target is approaching the
detector.
ϕ
1
ϕ
2
–
() 0
≥
EHA07261
Receding
Ch1 10 mV
Ch2
10 mV
100
Mms
V
D2
D1
V
ϕ
1
ϕ
2
–
() 0
≥
EHA07262
Approaching
Ch1 10 mV
Ch2
10 mV
100
Mms
V
D2
D1
V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com