Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Q62702-R323 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # Q62702-R323
Description  Microwave Motion Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

Q62702-R323 Datasheet(HTML) 1 Page - Infineon Technologies AG

  Q62702-R323 Datasheet HTML 1Page - Infineon Technologies AG Q62702-R323 Datasheet HTML 2Page - Infineon Technologies AG Q62702-R323 Datasheet HTML 3Page - Infineon Technologies AG Q62702-R323 Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Sheet
1
1999-04-01
Microwave Motion Sensor
KMY 24
Description
The KMY 24 is a microwave rader motion sensor
based on the Doppler effect. It transmits a low
energy microwave radiation at 2.45 GHz which is
reflected by objects. If the object is moving relative
to the sensor, a Doppler shift occurs. The shifted
wave is mixed with the original wave in two mixers,
resulting in two output voltage signals. The phase
shift between these two signals is negative or
positive depending on whether the target is
approaching or receding from the detector.
Features
• High sensitivity
• Dual Mixers enabling direction detecting
• High reliability
• Low power consumption
• Low harmonic emission
• Small size
• Light weight
• Low cost
Notes:
1. Solder pads must not be perforated, as this will damage,
and may destroy the multilayer PC Board.
2. Regulations on the use of High frequency devices.
The use of high frequency devices is regulated in most
countries and certain frequencies can be subject to restrictions. The use of the KMY 24 should be clarified with
the respective authorities in each country to ensure compliance with the prevalent legislation.
Typ
Marking
Ordering Code
Operating Frequency
License No.
KMY 24
KMY 24
Q62702-R323
2.45 GHz
BZT G127520H
Pin Configuration
1
− V
S (GND)
2
V
D1 (output voltage D1)
3
V
D2 (output voltage D2)
4+
V
S
EHA07260
23 4
1
SIEMENS
KMY 24


Similar Part No. - Q62702-R323

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62702-A0042 SIEMENS-Q62702-A0042 Datasheet
46Kb / 2P
Silicon Crossover Ring Quad Schottky Diode
Q62702-A0043 SIEMENS-Q62702-A0043 Datasheet
47Kb / 2P
Silicon Crossover Ring Quad Schottky Diode (Low barrier diode for double balanced mixers, phase detectors and modulators)
Q62702-A0062 SIEMENS-Q62702-A0062 Datasheet
88Kb / 4P
Silicon Schottky Diode (DBS mixer application to 10 GHz Low noise figure Low barrier type)
Q62702-A0960 SIEMENS-Q62702-A0960 Datasheet
88Kb / 4P
Silicon Schottky Diode (DBS mixer application to 12 GHz Low noise figure Medium barrier type)
Q62702-A1004 SIEMENS-Q62702-A1004 Datasheet
114Kb / 3P
Silicon Schottky Diode (Low barrier diode for mixer and detectors up to GHz frequencies)
More results

Similar Description - Q62702-R323

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
KMY10 INFINEON-KMY10 Datasheet
113Kb / 4P
Microwave Motion Sensor
1999-04-01
logo
Panasonic Semiconductor
EKMA PANASONIC-EKMA Datasheet
1Mb / 8P
MOTION SENSOR
logo
Telecommunication Elec...
TMS100 TELTRON-TMS100 Datasheet
883Kb / 2P
microwave motion sensor
TMS200 TELTRON-TMS200 Datasheet
850Kb / 2P
microwave motion sensor
TMS240 TELTRON-TMS240 Datasheet
883Kb / 2P
microwave motion sensor
TMS300 TELTRON-TMS300 Datasheet
785Kb / 2P
microwave motion sensor
TMS400 TELTRON-TMS400 Datasheet
885Kb / 2P
microwave motion sensor
TMSM100-1500 TELTRON-TMSM100-1500 Datasheet
750Kb / 2P
microwave motion sensor module
TMSM200-100 TELTRON-TMSM200-100 Datasheet
700Kb / 2P
microwave motion sensor module
logo
TE Connectivity Ltd
2396399 TEC-2396399 Datasheet
298Kb / 1P
MOTION STREETLIGHT SENSOR
Rev. A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com