Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Q62702-R323 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # Q62702-R323
Description  Microwave Motion Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

Q62702-R323 Datasheet(HTML) 2 Page - Infineon Technologies AG

  Q62702-R323 Datasheet HTML 1Page - Infineon Technologies AG Q62702-R323 Datasheet HTML 2Page - Infineon Technologies AG Q62702-R323 Datasheet HTML 3Page - Infineon Technologies AG Q62702-R323 Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
KMY 24
Data Sheet
2
1999-04-01
1) The amplitude of the signal depends on the object size and its distance from the detector. Measurements taken
with 5 cm high, cylindrical metallic objects, moving in circles at a distance of 1 m for example, give signal
amplitudes of typically
V
D1 = 40 mV.
Absolute Maximum Ratings
Parameter
Symbol
Limit Values
Unit
Operating temperature range
T
op
− 20 … + 60
°C
Storage temperature range
T
stg
− 30 … + 80
°C
Supply voltage
V
S
15.6
V
Electrical Characteristics
at
T
A = 25 °C
Parameter
Symbol
Limit Values
Unit
min.
typ.
max.
Supply voltage
V
S
10.8
12
15.6
V
Operating frequency
f
o
2.40
2.45
2.48
GHz
Operating current
I
op
−
23
−
mA
Detecting range
1)
r
op
−
5
… 8
−
m
Amplitude of signal 1
V
D1
−
1)
−
mV
Quotient of amplitude of 1 and 2
V
D1/VD2
−
2
−
Phase difference
ϕ
2 − ϕ1
−
40
… 120 −
Degrees
Equivalent isotropic radiated power at f
o
EIRP
−
8
−
dBm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com