Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS509 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # LS509
Description  Class A Amplifier with 3 Gain Blocks & Schottky Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LS509 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  LS509 Datasheet HTML 1Page - List of Unclassifed Manufacturers LS509 Datasheet HTML 2Page - List of Unclassifed Manufacturers LS509 Datasheet HTML 3Page - List of Unclassifed Manufacturers LS509 Datasheet HTML 4Page - List of Unclassifed Manufacturers LS509 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
510 - 12 - 08
7
RMIC
BASE
CURRENT
COMPENSATION
5
4
6
3
1
RE
2
10
8
9
All resistors in ohms, all capacitors in farads unless otherwise stated.
Fig. 2 Functional Schematic
RMIC
7
3
2
4
5
6
1µ0
S1
VIN
= 0µA
1
IP5
S2
10
Id
RE
9
a
= 0
R
=0
RL
3k92
8
b
a
180 µV RMS
b
RS
CS
1kHz
1.3 VDC
I AMP
I TRANS
21k
= 0
R
= 0µA
FB
C
-
B
-
- A
FA
All resistors in ohms, all capacitors in farads unless otherwise stated.
Fig. 1 Test Circuit



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com