Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS509 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LS509
Description  Class A Amplifier with 3 Gain Blocks & Schottky Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LS509 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LS509 Datasheet HTML 1Page - List of Unclassifed Manufacturers LS509 Datasheet HTML 2Page - List of Unclassifed Manufacturers LS509 Datasheet HTML 3Page - List of Unclassifed Manufacturers LS509 Datasheet HTML 4Page - List of Unclassifed Manufacturers LS509 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Document No. 510 - 12 - 08
Class A Amplifier with
3 Gain Blocks & Schottky Diodes
LS509 DATA SHEET
BLOCK DIAGRAM
DESCRIPTION
The LS509 is a Class A amplifier utilizing Gennum’s proprietary
low voltage JFET technology. It consists of two single-
ended, low noise inverting gain blocks, a Class A output
stage, an on-chip microphone decoupling resistor and a
pair of Schottky diodes for symmetrical peak clipping.
Blocks A and B typically have an open loop voltage gain of
56 dB, with the closed loop gain set by the ratio of the
feedback resistor to the source impedance. It is recommended
that the maximum closed loop gain be 20 dB lower than the
open loop gain. All blocks of the device are internally bias
compensated, preventing any DC current flow via external
feedback resistors. Without this compensation, audible
scratchiness would be present during changes in volume
control settings.
The output stage of the LS509 is a Class A current drive.
It has a fixed reference voltage of typically 29 mV at pin 2
of the device. The current that flows in the transducer is the
ratio of the 29 mV reference voltage and the on-chip
emitter resistor (R
E
).
To increase the bias current in the
transducer, simply place an external RE resistor from pin
2 to ground, thereby decreasing the equivalent emitter
resistance and increasing the current.
The LS509 also contains a pair of Schottky diodes in the
feedback configuration of the output stage, which provides
approximately 12 dB of MPO control.
• 140
µA typical current drain
•
low noise and distortion
• 1.0 to 5 VDC operating range
•
independent preamplifier
•
2 DC coupled stages
•
class A output stage
•
variable transducer current
•
Schottky diodes for MPO control
•
4 k
Ω microphone decoupling resistor
FEATURES
STANDARD PACKAGING
• 10 pin PLID
®
• 10 pin SLT
• Chip (61 x 55 mils)
RMIC
7
3
2
4
5
6
1
10
RE
9
8
21k
C
-
B
-
- A
VMIC
A I/P
A O/P
B I/P
B O/P
GND
MPO
C O/P
RE
VB
All resistors in ohms, all capacitors in farads unless otherwise stated
Revision Date: January 2001
GENNUM CORPORATION P.O. Box 489, Stn. A, Burlington, Ontario, Canada L7R 3Y3 tel. +1 (905) 632-2996
Web Site: www.gennum.com
E-mail: hipinfo@gennum.com


Similar Part No. - LS509

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
LS509-11BB TEC-LS509-11BB Datasheet
258Kb / 5P
HORIZONTAL LIQUID LEVEL SENSORS
LS509-11CC TEC-LS509-11CC Datasheet
258Kb / 5P
HORIZONTAL LIQUID LEVEL SENSORS
LS509-11NBB TEC-LS509-11NBB Datasheet
258Kb / 5P
HORIZONTAL LIQUID LEVEL SENSORS
LS509-11NCC TEC-LS509-11NCC Datasheet
258Kb / 5P
HORIZONTAL LIQUID LEVEL SENSORS
LS509-12BB TEC-LS509-12BB Datasheet
258Kb / 5P
HORIZONTAL LIQUID LEVEL SENSORS
More results

Similar Description - LS509

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LP508 ETC-LP508 Datasheet
80Kb / 4P
Class A Amplifier with 2 Independent Gain Blocks
LD505 ETC-LD505 Datasheet
189Kb / 5P
High Gain Class A Amplifier
GK509 ETC1-GK509 Datasheet
85Kb / 5P
Class A Amplifier with 2 DC Coupled Gain Blocks and Schottky Diodes
GP509 ETC1-GP509 Datasheet
138Kb / 4P
Class A Amplifier with 2 Independent Gain Blocks
logo
Gennum Corporation
GC509 GENNUM-GC509 Datasheet
160Kb / 4P
Class A Amplifier with 3 Independent Gain Blocks
LS505 GENNUM-LS505 Datasheet
163Kb / 5P
High Gain Class A Amplifier with Peak Clipping
logo
Texas Instruments
TPA2028D1 TI-TPA2028D1 Datasheet
1Mb / 35P
3-W Mono Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2028D1 TI-TPA2028D1_10 Datasheet
1Mb / 37P
3-W Mono Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2028D1 TI-TPA2028D1_15 Datasheet
2Mb / 39P
3-W Mono Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
logo
Shenzhen Huazhimei Semi...
HM8877 HMSEMI-HM8877 Datasheet
2Mb / 10P
7.4W Class F, with automatic gain control audio amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com