Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS509 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LS509
Description  Class A Amplifier with 3 Gain Blocks & Schottky Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LS509 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LS509 Datasheet HTML 1Page - List of Unclassifed Manufacturers LS509 Datasheet HTML 2Page - List of Unclassifed Manufacturers LS509 Datasheet HTML 3Page - List of Unclassifed Manufacturers LS509 Datasheet HTML 4Page - List of Unclassifed Manufacturers LS509 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
510 - 12 - 08
Amplifier Current
I
AMP
75
140
205
µA
Transducer Current
I
TRANS
170
230
290
µA
Maximum Transducer Current
I
TRANS (MAX)
V
P2
= 0 V
2
-
-
mA
A Input Bias Voltage (pin 6)
V
BIAS A
500
570
650
mV
A Input Bias Current (pin 6)
I
BIAS A
R
FA
= 1 M (Note 1)
-50
0
50
nA
B Input Bias Current (pin 4)
I
BIAS B
R
FB
= 1 M (Note 2)
-50
0
50
nA
A O/P Voltage Swing-Hi (pin 5)
V
OH A
V
IN
= 0.4 V DC, R
FA
=
∞,
200
580
-
mV
I
P5
= -10
µA (Note 3)
A Output Swing-Lo (pin 5)
V
OL A
I
IN
= +1
µA, R
FA
=
∞,
200
280
-
mV
I
P5
= +10
µA (Note 4)
A Open Loop Voltage Gain
A
OL
46
56
-
dB
C Output Sat. Voltage (pin 10)
V
SAT C
R
L
= 1 k
Ω, V
P2
= 0 V
-
100
180
mV
A Output Current Capability (pin 5)
A
OUT
-
30
-
µA
Diode Voltage Drop
V
D
(S2 = b) R
L
=
∞, (Note 5)
140
265
325
mV
Emitter Bias Voltage (pin 2)
V
RE
21.5
28.5
35.5
mV
On-chip Microphone Resistor
R
MIC
34
5
k
Ω
On-chip Emitter Resistor
R
E
90
125
160
Ω
Input Referred Noise
IRN
NFB 0.2 to10kHz at 12dB/Oct
-
1
-
µVRMS
Harmonic Distortion
THD
V
OUT
= 500 mVRMS
-1
-
%
All parameters and switches remain as shown in Test Circuit unless otherwise stated in "Conditions" column
Notes 1. I
BIAS A
= (V
P6
-V
P6[RFA = 1M]
)/1M
2.
I
BIAS B
= (V
P4
-V
P4 [RFB = 1M]
)/1M
3.
V
OH A
= (V
P5
-V
P5 [VIN = 0.4 VDC, RFA =
∞, IP5 = -10µA])
4.
V
OL A
= (V
P5
-V
P5 [
IIN = +1
µA, RFA = ∞, IP5 =+10µA])
5.
V
D
= (V
P10 [Id = +(1.5 x ITRANS)] -
V
P10 [
Id = +(0.5 x ITRANS)]
)
PARAMETER
VALUE/UNITS
Supply Voltage
5 V DC
Power Dissipation
25 mW
Operating Temperature Range
-10
°C to 40° C
Storage Temperature Range
-20
°C to 70° C
ABSOLUTE MAXIMUM RATINGS
PIN CONNECTION
CAUTION
CLASS 1 ESD SENSITIVITY
5
10
1
6
B IN
R
E
GND
A IN
V
MIC
V
B
MPO
B OUT
A OUT
C OUT
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ELECTRICAL CHARACTERISTICS
V
P
- Pin voltage measured with conditions as shown in Test Circuit.
Positive current corresponds to current INTO the pin.
Negative current corresponds with current OUT of the pin.
Conditions: Frequency = 1 kHz, Temperature = 25
°C, Supply Voltage V
B
= 1.3 V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com