Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS509 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # LS509
Description  Class A Amplifier with 3 Gain Blocks & Schottky Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LS509 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  LS509 Datasheet HTML 1Page - List of Unclassifed Manufacturers LS509 Datasheet HTML 2Page - List of Unclassifed Manufacturers LS509 Datasheet HTML 3Page - List of Unclassifed Manufacturers LS509 Datasheet HTML 4Page - List of Unclassifed Manufacturers LS509 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
510 - 12 - 08
RMIC
7
- A
100k
3
2
VC
4
5
6
1
RS
0µ1 5k6
10
R
9
56
R
C
-
E
V = 1.3 V DC
B
8
B
-
GT
R
0µ22
1µ0
R
MPO
0µ1
50k
ED1913
RLAC
CS
100k
21k
3k9
0µ1
R
GT
R
VC
RL
AC
//21K
R
S
5.6 k
56//R
E
Gain of Stage A = 20 log
Gain of Stage B = 20 log
Gain of Stage C = 20 log
4
0
-4
-8
-12
-16
-20
20
200
2k
20k
FREQUENCY (Hz)
Fig. 5 I/O Curves at Various R
MPO
Values
R
VC = 10K
R
MPO = 10k
R
MPO = 0k
R
VC = 47K
R
VC = 22K
R
VC = 3.3K
R
MPO = 3.3k
Fig. 6 Closed Loop Frequency Response
with Various C
S
Values
-140
-120
-100
-80
-60
-40
INPUT (dBV)
-90
-80
-70
-60
-50
-40
INPUT (dBV)
R
VC = 100K
R
MPO = 50k
R
MPO = 22k
Fig. 4 I/O Curves at Various R
VC
Settings
All resistors in ohms, all capacitors in farads unless otherwise stated.
Fig 3 Typical Hearing Instrument Application
5
-5
-15
-25
-35
-45
-55
-65
-75
≈
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
SUPPLY VOLTAGE (V)
Fig. 7 Gain vs Supply Voltage
0
-2
-4
-6
-8
-10
-12
-14
-16
-18
-20
5
0
-5
-10
-15
-20
-25
-30
C
S = 0.22µ
C
S = 0.1µ
C
S = 0.033µ
C
S = 0.047µ



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com