Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE15A3274 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE15A3274
Description  TECHNICAL DATA SHEET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE15A3274 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE15A3274 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE15A3274 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE15A3274 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE15A3274 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE15A3274 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE15A3274 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE15A3274 Datasheet HTML 7Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
TECHNICAL DATA SHEET
Performance by Frequency
Description
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Frequency Range
GHz
Gain
16
19
14.5
17.5
dB
Gain Variation Over Temperature
0.015
0.025
0.015
0.025
dB/ °C
Noise Figure
2.75
3.25
3
4
dB
Input Return Loss
14
14
dB
Output Return Loss
10
13
dB
Output Power For 1 dB Compression
(P1dB)
10.5
13.5
12
15
dBm
Saturated Output Power (Psat)
18
18.5
dBm
Output Third Order Intercept (IP3)
24
26
dBm
Supply Current
96
96
mA
17 - 22
22 - 27
Mechanical Specifications
Size
Length
0.64 in [16.26 mm]
Width
0.59 in [14.99 mm]
Height
0.29 in [7.37 mm]
.
Weight
0.059 lbs [26.76 g]
Connector Option
Field Replaceable
Input Connector
2.92mm Female
Output Connector
2.92mm Female
Environmental Specifications
Temperature
Operating Range
-55 to +85 deg C
Storage Range
-65 to +150 deg C
.
Temperature Cycling
MIL-STD-883, Method 101C, Cond B
Hermetic Seal
Gross Leak MIL-STD-883 Method 1014C1/Fine Leak
MIL-STD-883, Method 1014A2, 5 x 10-8 atm cc
ESD Sensitivity
ESD Sensitive Material, Transport material in Approved
ESD bags. Handle only in ESD Workstation.
PE15A3274
PE15A3274 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2.75 dB NF, 13.5 dBm P1dB, 17 GHz to 27 GHz, Low Noise Broadband Amplifier, 19 dB Gain,
2.92mm PE15A3274
2.75 dB NF, 13.5 dBm P1dB, 17 GHz to 27 GHz, Low
Noise Broadband Amplifier, 19 dB Gain, 2.92mm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com