Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE15A3274 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE15A3274
Description  TECHNICAL DATA SHEET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE15A3274 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE15A3274 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE15A3274 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE15A3274 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE15A3274 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE15A3274 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE15A3274 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE15A3274 Datasheet HTML 7Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
TECHNICAL DATA SHEET
The PE15A3274 low noise amplifier operates across a wide frequency range from 17 GHz to 27 GHz. The design utilizes
GaAs PHEMT MMIC technology for high efficiency and high linearity. Typical performance includes 19 dB small signal gain,
2.75 dB noise figure, up to +13.5 dBm of output power at P1dB and +24 dBm output IP3, while using a single DC supply
between +8VDC and +16 VDC. The design exhibits a very flat gain response across a wide frequency band. Input/output
ports are matched for 50 ohms and are DC blocked. The design also incorporates integrated bias sequencing circuitry and
voltage regulators to allow for flexible biasing for positive voltage supply. The drop-in package is hermetically sealed with field
replaceable 2.92mm connectors and has an operating temperature range of -55°C to +85°C. And for added confidence, this
rugged package assembly is designed to meet MIL-STD-883 test conditions for Hermeticity and Temperature Cycle.
Features
•
LNA Module
•
Extremely wide frequency band
•
GaAs PHEMT MMIC Technology
•
Gain 19 dB
•
High Output IP3 +24 dBm
•
Output P1dB up to +13.5 dBm typical
•
Regulated Supply and Bias Sequencing
•
Hermetically Sealed Module
•
Mil Spec Compliant
•
Field Replaceable 2.92mm Connectors
•
-55°C to +85°C Operating Temperature
Applications
•
Electronic Warfare
•
Electronic Countermeasures
•
Microwave Radio
•
VSAT
•
Radar
•
Fiber Optic
•
Space Systems
•
Test Instrumentation
•
Telecom Infrastructure
Electrical Specifications (TA= 25°C, VDC1 = 12 Vdc)
Description
Minimum
Typical
Maximum
Units
Frequency Range
17
27
GHz
Gain
19
dB
Output at 1 dB Compression Point
+13.5
dBm
Noise Figure
2.75
dB
.
Operating DC Voltage 1
12
Volts
.
Operating Temperature Range (OTR)
-55
+85
°C
. .
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2.75 dB NF, 13.5 dBm P1dB, 17 GHz to 27 GHz, Low Noise Broadband Amplifier, 19 dB Gain,
2.92mm PE15A3274
PE15A3274
PE15A3274 REV 1.0
2.75 dB NF, 13.5 dBm P1dB, 17 GHz to 27 GHz, Low
Noise Broadband Amplifier, 19 dB Gain, 2.92mm


Similar Part No. - PE15A3274

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A3270 PASTERNACK-PE15A3270 Datasheet
465Kb / 9P
TECHNICAL DATA SHEET
PE15A3271 PASTERNACK-PE15A3271 Datasheet
510Kb / 8P
TECHNICAL DATA SHEET
PE15A3272 PASTERNACK-PE15A3272 Datasheet
509Kb / 8P
TECHNICAL DATA SHEET
PE15A3273 PASTERNACK-PE15A3273 Datasheet
484Kb / 7P
TECHNICAL DATA SHEET
PE15A3275 PASTERNACK-PE15A3275 Datasheet
479Kb / 7P
TECHNICAL DATA SHEET
More results

Similar Description - PE15A3274

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A3270 PASTERNACK-PE15A3270 Datasheet
465Kb / 9P
TECHNICAL DATA SHEET
PE15A3295 PASTERNACK-PE15A3295 Datasheet
447Kb / 6P
TECHNICAL DATA SHEET
PE15A3502 PASTERNACK-PE15A3502_17 Datasheet
566Kb / 6P
TECHNICAL DATA SHEET
PE15A3595 PASTERNACK-PE15A3595_17 Datasheet
450Kb / 6P
TECHNICAL DATA SHEET
PE15A3900 PASTERNACK-PE15A3900_17 Datasheet
421Kb / 6P
TECHNICAL DATA SHEET
PE15A4029 PASTERNACK-PE15A4029 Datasheet
490Kb / 7P
TECHNICAL DATA SHEET
PE15A4038 PASTERNACK-PE15A4038 Datasheet
437Kb / 6P
TECHNICAL DATA SHEET
PE15A4040 PASTERNACK-PE15A4040 Datasheet
442Kb / 6P
TECHNICAL DATA SHEET
PE15A8007 PASTERNACK-PE15A8007 Datasheet
435Kb / 5P
TECHNICAL DATA SHEET
PE15A9002 PASTERNACK-PE15A9002 Datasheet
484Kb / 7P
TECHNICAL DATA SHEET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com