Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE15A3274 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PE15A3274
Description  TECHNICAL DATA SHEET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE15A3274 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE15A3274 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE15A3274 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE15A3274 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE15A3274 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE15A3274 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE15A3274 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE15A3274 Datasheet HTML 7Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
TECHNICAL DATA SHEET
PE15A3274
PE15A3274 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2.75 dB NF, 13.5 dBm P1dB, 17 GHz to 27 GHz, Low Noise Broadband Amplifier, 19 dB Gain,
2.92mm PE15A3274
Typical Performance Data
Noise Figure vs. Temperature
Gain vs. Temperature
Output Return Loss vs. Temperature
Gain & Return Loss
Reverse Isolation vs. Temperature
Input Return Loss vs. Temperature
-20
-15
-10
-5
0
5
10
15
20
25
14
16
18
20
22
24
26
28
30
S21
S11
S22
FREQUENCY (GHz)
-30
-25
-20
-15
-10
-5
0
17
19
21
23
25
27
29
+25C
+85C
-55C
FREQUENCY (GHz)
0
1
2
3
4
5
6
16
18
20
22
24
26
28
+25C
+85C
-55C
FREQUENCY (GHz)
-60
-50
-40
-30
-20
-10
0
16
18
20
22
24
26
28
+25C
+85C
-55C
FREQUENCY (GHz)
-20
-15
-10
-5
0
16
18
20
22
24
26
28
+25C
+85C
-55C
FREQUENCY (GHz)
10
12
14
16
18
20
22
16
18
20
22
24
26
28
+25C
+85C
-55C
FREQUENCY (GHz)
2.75 dB NF, 13.5 dBm P1dB, 17 GHz to 27 GHz, Low
Noise Broadband Amplifier, 19 dB Gain, 2.92mm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com