Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE15A3274 Datasheet(PDF) 5 Page - Pasternack Enterprises, Inc.

Part # PE15A3274
Description  TECHNICAL DATA SHEET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE15A3274 Datasheet(HTML) 5 Page - Pasternack Enterprises, Inc.

  PE15A3274 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE15A3274 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE15A3274 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE15A3274 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE15A3274 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE15A3274 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE15A3274 Datasheet HTML 7Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
TECHNICAL DATA SHEET
PE15A3274
PE15A3274 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2.75 dB NF, 13.5 dBm P1dB, 17 GHz to 27 GHz, Low Noise Broadband Amplifier, 19 dB Gain,
2.92mm PE15A3274
P1dB vs. Temperature
Psat vs. Temperature
Output IP3 vs. Temperature
8
12
16
20
24
28
32
16
18
20
22
24
26
28
+25C
+85C
-55C
FREQUENCY (GHz)
0
4
8
12
16
20
24
16
18
20
22
24
26
28
+25C
+85C
-55C
FREQUENCY (GHz)
0
4
8
12
16
20
24
16
18
20
22
24
26
28
+25C
+85C
-55C
FREQUENCY (GHz)
Power Compression @ 21 GHz
-6
-2
2
6
10
14
18
22
-24
-20
-16
-4
0
4
Pout
Gain
PAE
-12
-8
INPUT POWER (dBm)
2.75 dB NF, 13.5 dBm P1dB, 17 GHz to 27 GHz, Low
Noise Broadband Amplifier, 19 dB Gain, 2.92mm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com